Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58MR064D Datasheet(PDF) 4 Page - STMicroelectronics

Part # M58MR064D
Description  64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR064D Datasheet(HTML) 4 Page - STMicroelectronics

  M58MR064D Datasheet HTML 1Page - STMicroelectronics M58MR064D Datasheet HTML 2Page - STMicroelectronics M58MR064D Datasheet HTML 3Page - STMicroelectronics M58MR064D Datasheet HTML 4Page - STMicroelectronics M58MR064D Datasheet HTML 5Page - STMicroelectronics M58MR064D Datasheet HTML 6Page - STMicroelectronics M58MR064D Datasheet HTML 7Page - STMicroelectronics M58MR064D Datasheet HTML 8Page - STMicroelectronics M58MR064D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
M58MR064C, M58MR064D
4/52
The architecture includes a 128 bits Protection
register that is divided into two 64-bits segments.
In the first one is written a unique device number,
while the second one is programmable by the us-
er. The user programmable segment can be per-
manently protected programming the bit 1 of the
Protection Lock Register (see protection register
and Security Block). The parameter block (# 0) is
a security block. It can be permanently protected
by the user programming the bit 2 of the Protection
Lock Register.
Block protection against Program or Erase pro-
vides additional data security. All blocks are pro-
tected and unlocked at Power-up. Instructions are
provided to protect or un-protect any block in the
application. A second register locks the protection
status while WP is low (see Block Locking descrip-
tion).
Table3. BankSizeand Sectorization
Bank Size
Parameter Blocks
Main Blocks
Bank A
16 Mbit
8 blocks of 4 KWord
31 blocks of 32 KWord
Bank B
48 Mbit
-
96 blocks of 32 KWord
Figure 3. Memory Map
AI90089
512 Kbit or
32 KWord
000000h
007FFFh
512 Kbit or
32 KWord
3F0000h
3F7FFFh
Top Boot Block
Address lines A21-A0
512 Kbit or
32 KWord
2F8000h
2FFFFFh
Total of 96
Main Blocks
512 Kbit or
32 KWord
300000h
307FFFh
64 Kbit or
4 KWord
3FF000h
3FFFFFh
64 Kbit or
4 KWord
3F8000h
3F8FFFh
Total of 31
Main Blocks
Total of 8
Parameter
Blocks
Bank B
Bank A
64 Kbit or
4 KWord
000000h
000FFFh
512 Kbit or
32 KWord
0F8000h
0FFFFFh
Bottom Boot Block
Address lines A21-A0
64 Kbit or
4 KWord
007000h
007FFFh
Total of 8
Parameter
Blocks
512 Kbit or
32 KWord
008000h
00FFFFh
512 Kbit or
32 KWord
3F8000h
3FFFFFh
512 Kbit or
32 KWord
100000h
107FFFh
Total of 31
Main Blocks
Total of 96
Main Blocks
Bank B
Bank A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com