Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58MR064D Datasheet(PDF) 47 Page - STMicroelectronics

Part # M58MR064D
Description  64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58MR064D Datasheet(HTML) 47 Page - STMicroelectronics

Back Button M58MR064D Datasheet HTML 43Page - STMicroelectronics M58MR064D Datasheet HTML 44Page - STMicroelectronics M58MR064D Datasheet HTML 45Page - STMicroelectronics M58MR064D Datasheet HTML 46Page - STMicroelectronics M58MR064D Datasheet HTML 47Page - STMicroelectronics M58MR064D Datasheet HTML 48Page - STMicroelectronics M58MR064D Datasheet HTML 49Page - STMicroelectronics M58MR064D Datasheet HTML 50Page - STMicroelectronics M58MR064D Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
47/52
M58MR064C, M58MR064D
Table 34. Command Interface States - Modify table
Current State
of the Other
Partition
Current State of the Current
Partition
Command Input to the Current Partition (and Next State of the Current Partition)
Mode
State
Others
Program Setup
(10h/40h)
Block Erase
Setup (20h)
Program-Erase
Suspend (B0h)
OTP Setup
(C0h)
Multiple
Program Setup
(30h/55h)
Bank Erase
Setup (80h)
Setup
Read
Array, CFI,
Electronic
Signature,
Status Register
SEE LOCK
TABLE
Read Array
Read Array
Read Array
Read Array
Read Array
Read Array
Busy
Idle
Program setup
Block Erase
Setup
OTP Setup
Multiple
Program Setup
Bank Erase
Setup
Erase Suspend
Read Array
Read Array
Read Array
Program
Suspend
Read Array
Read Array
Setup
Protect
Unprotect-Lock/
RCR
Error, Protect-
Unprotect-
LockBlock, Set
RCR
SEE LOCK
TABLE
Read Array
Read Array
Read Array
Read Array
Read Array
Read Array
Busy
Idle
Program setup
Block Erase
Setup
OTP Setup
Multiple
Program Setup
Bank Erase
Setup
Erase Suspend
Read Array
Read Array
Read Array
Program
Suspend
Read Array
Read Array
Idle
Protection
Register
Setup
Protection
Register (Busy)
Protection
Register (Busy)
Protection
Register (Busy)
Protection
Register (Busy)
Protection
Register (Busy)
Protection
Register (Busy)
Protection
Register (Busy)
Setup
Busy
Busy
Done
SEE LOCK
TABLE
Read Array
Read Array
Read Array
Read Array
Read Array
Read Array
Idle
Program Setup
Block Erase
Setup
OTP Setup
Multiple
Program Setup
Bank Erase
Setup
Erase Suspend
Read Array
Read Array
Read Array
Program
Suspend
Read Array
Read Array
Any State
Program-
Multiple
Program
Setup
Program (Busy) Program (Busy) Program (Busy)
Program (Busy)
Program (Busy) Program (Busy) Program (Busy)
Idle
Busy
PS Read Status
Register
Setup
Done
SEE LOCK
TABLE
Read Array
Read Array
Read Array
Read Array
Read Array
Read Array
Busy
Idle
Program Setup
Block Erase
Setup
OTP Setup
Multiple
Program Setup
Bank Erase
Setup
Erase Suspend
Read Array
Read Array
Read Array
Program
Suspend
Read Array
Read Array
Setup
Program
Suspend
Read Array,
CFI, Elect.
Sign., Status
Register
SEE LOCK
TABLE
PS Read Array PS Read Array PS Read Array PS Read Array PS Read Array PS Read Array
Idle
Erase Suspend
Idle
Block-Bank
Erase
Setup
SEE LOCK
TABLE
Erase Error
Erase Error
Erase Error
Erase Error
Erase Error
Erase Error
Busy
Erase (Busy)
Erase (Busy)
Erase (Busy)
ES Read Status
Register
Erase (Busy)
Erase (Busy)
Erase (Busy)
Setup
Erase Suspend
Read Array,
CFI, Elect.
Sign., Status
Register
SEE LOCK
TABLE
ES Read Array
ES Read Array ES Read Array ES Read Array
ES Read Array
ES Read Array
Busy
Idle
Program Setup
Multiple
Program Setup
Program
Suspend
ES Read Array
ES Read Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com