Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIS12/7DM Datasheet(PDF) 5 Page - Clarke International

Part # CIS12/7DM
Description  18V CORDLESS IMPACT WRENCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CIS12/7DM Datasheet(HTML) 5 Page - Clarke International

  CIS12/7DM Datasheet HTML 1Page - Clarke International CIS12/7DM Datasheet HTML 2Page - Clarke International CIS12/7DM Datasheet HTML 3Page - Clarke International CIS12/7DM Datasheet HTML 4Page - Clarke International CIS12/7DM Datasheet HTML 5Page - Clarke International CIS12/7DM Datasheet HTML 6Page - Clarke International CIS12/7DM Datasheet HTML 7Page - Clarke International CIS12/7DM Datasheet HTML 8Page - Clarke International CIS12/7DM Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
stipulated by local regulations. DO NOT incinerated battery as it may
explode when exposed to fire. DO NOT attempt to open, disassemble,
modify or service a battery pack.
5. Handle batteries so as to avoid damage, fire, corrosion or personal injury.
6. Never crush, puncture, short external contacts or dispose of in water.
7. Never attempt recharging the battery by means of an engine generator or
a DC power source.
ENVIRONMENTAL PROTECTION
Do not dispose of this product with general household waste. All tools,
accessories and packaging should be sorted, taken to a recycling centre and
disposed of according to the laws governing Waste Electrical and Electronic
Equipment.
Through the purchase of this product, the customer is taking on the obligation
to deal with the WEEE in accordance with the WEEE regulations in relation to
the treatment, recycling & recovery and environmentally sound disposal of
the WEEE.
In effect, this means that this product must not be disposed of with general
household waste. It must be disposed of according to the laws governing
Waste Electrical and Electronic Equipment (WEEE) at a recognised disposal
facility.
BATTERY DISPOSAL
Dispose of old batteries in accordance with local authority regulations. DO
NOT incinerate or crush, as this will increase the risk of explosion and
contamination. If the battery contents come into contact with skin or the eyes,
rinse with clean water for several minutes and seek medical advice
immediately afterwards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com