Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIS12/7DM Datasheet(PDF) 10 Page - Clarke International

Part # CIS12/7DM
Description  18V CORDLESS IMPACT WRENCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CIS12/7DM Datasheet(HTML) 10 Page - Clarke International

Back Button CIS12/7DM Datasheet HTML 6Page - Clarke International CIS12/7DM Datasheet HTML 7Page - Clarke International CIS12/7DM Datasheet HTML 8Page - Clarke International CIS12/7DM Datasheet HTML 9Page - Clarke International CIS12/7DM Datasheet HTML 10Page - Clarke International CIS12/7DM Datasheet HTML 11Page - Clarke International CIS12/7DM Datasheet HTML 12Page - Clarke International CIS12/7DM Datasheet HTML 13Page - Clarke International CIS12/7DM Datasheet HTML 14Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
FORWARD/REVERSE/LOCK SELECTION
1. Select the direction of operation
by pushing the selector bar in the
appropriate direction.
• The direction of rotation is
shown on the end face of the
selector bar.
• When the selector bar is in the
central position the trigger is in
neutral/locked.
2. Always check the direction of
rotation before operation.
LOOSENING A NUT
1. Fit the appropriate socket to the square drive of the impact wrench.
2. With the FORWARD/REVERSE selector bar in the REVERSE running position,
hold the wrench firmly and pull the trigger. The nut will be impacted
repeatedly until it is loosened.
NOTE: As the battery becomes discharged the power available will
drop. The battery will cut out when a low state of charge is
reached. This is normal and is a design feature to protect the
battery from deep discharge. If this occurs, re-charge the battery
as described on page 8.
3. After use, recharge the battery pack as shown on page 8. Avoid leaving
the batteries in a discharged state.
TIGHTENING A NUT
1. Start the nut by hand, ensuring it is not cross threaded, then with the
appropriate socket fitted to the impact wrench, place it on the nut.
2. With the FORWARD/REVERSE selector bar in the forward running position,
and holding the wrench firmly, pull the trigger.
3. Install each nut in turn until it is ‘nipped’ up only - do not tighten fully. When
all nuts are secure, tighten further but take care to prevent over-tightening.
4. ALWAYS finish tightening with a torque wrench to the manufacturers
recommended torque.
WARNING: ENSURE THAT THE CORRECT SOCKET IS BEING USED FOR THE
NUTS ON YOUR PARTICULAR VEHICLE. AN INCORRECT SOCKET SIZE WILL
DAMAGE THE HEADS OF THE BOLTS/NUTS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com