Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIS12/7DM Datasheet(PDF) 8 Page - Clarke International

Part # CIS12/7DM
Description  18V CORDLESS IMPACT WRENCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CIS12/7DM Datasheet(HTML) 8 Page - Clarke International

Back Button CIS12/7DM Datasheet HTML 4Page - Clarke International CIS12/7DM Datasheet HTML 5Page - Clarke International CIS12/7DM Datasheet HTML 6Page - Clarke International CIS12/7DM Datasheet HTML 7Page - Clarke International CIS12/7DM Datasheet HTML 8Page - Clarke International CIS12/7DM Datasheet HTML 9Page - Clarke International CIS12/7DM Datasheet HTML 10Page - Clarke International CIS12/7DM Datasheet HTML 11Page - Clarke International CIS12/7DM Datasheet HTML 12Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
BATTERY CHARGING
The battery will have been shipped in a low charge state and will require
charging before first time use.
1. Press the battery release clip on
the front of the battery pack.
2. Slide the battery pack from the
impact wrench.
3. Plug the charger into a 230V
power supply and switch ON.
• The green POWER ON light will
illuminate to show the unit is
connected to the mains supply.
4. Insert the battery pack into the
battery charger, as shown, noting
that it will only fit one way.
• The red light will come on to
indicate the battery is charging.
• When charging is complete, the
red light will go off and the
green light will come on. The
battery pack can be
considered charged and be
removed. Charging time will be
dependant upon the initial state
of the battery.
• When charging a new battery pack, it may initially not accept full
charge. This is common & does not indicate a fault. It can be
recharged fully after it has been discharged a couple of times.
• If charging does not take place, ensure all connections are clean.
• In the event of both LED indicators flashing rapidly, it can be
assumed that either the battery has become too hot, in which case
it should be left to cool down, or that a battery cell has failed and
the battery should be replaced.
5. After charging, switch off and unplug the charger from the power supply.
6. Remove the battery pack from the charger and slide it back onto the
impact wrench until it clips into place.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com