Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIS12/7DM Datasheet(PDF) 14 Page - Clarke International

Part # CIS12/7DM
Description  18V CORDLESS IMPACT WRENCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CIS12/7DM Datasheet(HTML) 14 Page - Clarke International

Back Button CIS12/7DM Datasheet HTML 8Page - Clarke International CIS12/7DM Datasheet HTML 9Page - Clarke International CIS12/7DM Datasheet HTML 10Page - Clarke International CIS12/7DM Datasheet HTML 11Page - Clarke International CIS12/7DM Datasheet HTML 12Page - Clarke International CIS12/7DM Datasheet HTML 13Page - Clarke International CIS12/7DM Datasheet HTML 14Page - Clarke International CIS12/7DM Datasheet HTML 15Page - Clarke International CIS12/7DM Datasheet HTML 16Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
CCIW160 SPECIFICATIONS
Please note that the details and specifications contained herein, are correct at
the time of going to print. However, CLARKE International reserve the right to
change specifications at any time without prior notice.
WRENCH FEATURE
SPECIFICATION
Weight (Impact Wrench)
1.15 kg
Dimensions (L x W x H)
180 x 84 (70 without belt hook) x 200 mm
Size of spindle
12.7mm / 1/2”
Max. Bolt Diameter
Standard Bolt: M8 - M16 (5/16” - 5/8”)
High Tensile Bolt: M6 - M12 (1/4” - 1/2”)
Max rated tightening torque
160 Nm
Rated no-load speeds
0-2200 rpm
Impacts/minute
0-2800 max.
Duty Cycle
S1 (continuous)
IP Rating
IPX0
Sound pressure level
83 dB LpA
Guaranteed sound power
level
94 dB LWA
Uncertainty Factor (K)
3 m/s2
Vibration Level
4.825 m/s2
Uncertainty Factor (K)
1.5 m/s2
BATTERY/CHARGER FEATURE
SPECIFICATION
Charger insulation class
II
Input voltage (Charger)
230V/50 Hz
Output voltage (Battery)
18V DC
Battery Type
Lithium-Ion
Charging Time
60 mins
Battery pack capacity
2000 mAh
Charger fuse rating
3 Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com