Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIS12/7DM Datasheet(PDF) 9 Page - Clarke International

Part # CIS12/7DM
Description  18V CORDLESS IMPACT WRENCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CIS12/7DM Datasheet(HTML) 9 Page - Clarke International

Back Button CIS12/7DM Datasheet HTML 5Page - Clarke International CIS12/7DM Datasheet HTML 6Page - Clarke International CIS12/7DM Datasheet HTML 7Page - Clarke International CIS12/7DM Datasheet HTML 8Page - Clarke International CIS12/7DM Datasheet HTML 9Page - Clarke International CIS12/7DM Datasheet HTML 10Page - Clarke International CIS12/7DM Datasheet HTML 11Page - Clarke International CIS12/7DM Datasheet HTML 12Page - Clarke International CIS12/7DM Datasheet HTML 13Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
NOTE: On the rear of the
battery are 3 red power
indicator lights. Press the
power indicator button
to show how much
power the battery has.
• 1 Light: Low power
•2 Lights: Medium power
• 3 Lights: High power
The battery pack should slide in easily. If it is not to be fitted immediately,
ensure that the metal contacts are protected to avoid the possibility of a short
circuit which would cause battery damage. For maximum battery life, we
recommend that you maintain the battery in a fully charged state.
OPERATION
FITTING A SOCKET
1. Align the chosen socket and
simply push it onto the anvil. Use
only ½” square drive impact
sockets as listed on page 11.
2. Select Forward or Reverse on the
selector bar.
3. Squeeze the trigger to start the
impact wrench. Release the
trigger to stop.
CAUTION: MAKE SURE THAT THE IMPACT WRENCH IS OFF USING THE
SELECTOR BAR BEFORE ATTACHING OR REMOVING A SOCKET. ALWAYS
TAKE CARE TO USE THE CORRECT SIZE SOCKET FOR BOLTS AND NUTS. AN
INCORRECT SOCKET WILL CAUSE DAMAGE TO THE BOLT OR NUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com