Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIS12/7DM Datasheet(PDF) 11 Page - Clarke International

Part # CIS12/7DM
Description  18V CORDLESS IMPACT WRENCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CIS12/7DM Datasheet(HTML) 11 Page - Clarke International

Back Button CIS12/7DM Datasheet HTML 7Page - Clarke International CIS12/7DM Datasheet HTML 8Page - Clarke International CIS12/7DM Datasheet HTML 9Page - Clarke International CIS12/7DM Datasheet HTML 10Page - Clarke International CIS12/7DM Datasheet HTML 11Page - Clarke International CIS12/7DM Datasheet HTML 12Page - Clarke International CIS12/7DM Datasheet HTML 13Page - Clarke International CIS12/7DM Datasheet HTML 14Page - Clarke International CIS12/7DM Datasheet HTML 15Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
BELT HOOK
The impact wrench is provided with a
belt hook. This can be fitted to either
side of the main housing, adjacent to
the battery and is retained by a
single screw.
MAINTENANCE
All bearings etc, in this wrench are lubricated with a sufficient amount of high
grade lubricant for the machines lifetime under normal operating conditions,
therefore no further lubrication is required.
Refer to your CLARKE dealer if internal maintenance is required.
Check the battery charger power cable to ensure it is free from cracks, bare
wires etc.
Avoid using solvents when cleaning plastic parts, most plastics are susceptible
to damage from the various types of commercial solvents. Keep the unit clean
by wiping with a dry cloth. DO NOT use solvents as a cleaning agent.
Your CLARKE impact wrench has been designed to give long and trouble free
service. If, however, having followed the instructions in this booklet carefully,
you encounter problems, take the unit to your local CLARKE dealer.
Always store the wrench and its charger in the case supplied. Store in a clean,
dry place, out of reach of children when not in use.
ACCESSORIES
A wide range of impact wrench accessories are available from your nearest
CLARKE dealer, for further information, contact your nearest dealer, or
telephone CLARKE International Sales department on 01992 565300.
Suitable impact wrench socket sets include the following:
Part No
Model No
Description
3110875
CIS12/10
1/2” Drive Impact Socket Set
3110437
CIS12/11
11 Piece Impact Socket Set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com