Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIS12/7DM Datasheet(PDF) 2 Page - Clarke International

Part # CIS12/7DM
Description  18V CORDLESS IMPACT WRENCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CIS12/7DM Datasheet(HTML) 2 Page - Clarke International

  CIS12/7DM Datasheet HTML 1Page - Clarke International CIS12/7DM Datasheet HTML 2Page - Clarke International CIS12/7DM Datasheet HTML 3Page - Clarke International CIS12/7DM Datasheet HTML 4Page - Clarke International CIS12/7DM Datasheet HTML 5Page - Clarke International CIS12/7DM Datasheet HTML 6Page - Clarke International CIS12/7DM Datasheet HTML 7Page - Clarke International CIS12/7DM Datasheet HTML 8Page - Clarke International CIS12/7DM Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Cordless Impact Wrench.
Before attempting to use this product, please read this manual thoroughly and
follow the instructions carefully. In doing so you will ensure the safety of yourself
and that of others around you, and you can look forward to your purchase
giving you long and satisfactory service.
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12
months from the date of purchase. Please keep your receipt which will be
required as proof of purchase.
This guarantee is invalid if the product is found to have been abused or
tampered with in any way, or not used for the purpose for which it was
intended.
Faulty goods should be returned to their place of purchase, no product can
be returned to us without prior permission. This guarantee does not effect your
statutory rights.
SAFETY SYMBOLS
The full technical specification of the battery charger is printed on a label on
the charger. The meanings of the markings and symbols are shown below
Please keep these instructions in a safe place for future reference.
Read instruction
manual before use
Suitable for indoor use
only
Wear eye protection
when using this
product.
Maximum Temperature
(battery pack only)
Class 2 Double
Insulated
Do not Incinerate
(battery pack only)
WEEE directive
compliance required
for Lithium-Ion
batteries.
Do not immerse in
water



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com