Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIS12/7DM Datasheet(PDF) 12 Page - Clarke International

Part # CIS12/7DM
Description  18V CORDLESS IMPACT WRENCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CIS12/7DM Datasheet(HTML) 12 Page - Clarke International

Back Button CIS12/7DM Datasheet HTML 8Page - Clarke International CIS12/7DM Datasheet HTML 9Page - Clarke International CIS12/7DM Datasheet HTML 10Page - Clarke International CIS12/7DM Datasheet HTML 11Page - Clarke International CIS12/7DM Datasheet HTML 12Page - Clarke International CIS12/7DM Datasheet HTML 13Page - Clarke International CIS12/7DM Datasheet HTML 14Page - Clarke International CIS12/7DM Datasheet HTML 15Page - Clarke International CIS12/7DM Datasheet HTML 16Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
COMPONENT PARTS LIST
1700726
CIS12/6SB
6 Piece Impact Spline Bit Set - 1/2” Drive
1700732
CIS12/3M
3 Piece 1/2” Drive Non Slip Impact Socket Set
1800311
CIS12/17B
16 Piece Deep Impact Socket Set
1800350
CIS12/7DM
7 Piece 1/2”Universal Joint Deep Socket Set
1800141
CHT141
1/2” Drive Torque Wrench
No
Description
No
Description
1
ST3 x 13 - F Screw
19
Planetary Wheel
2
Right Foot Plate Housing
20
Striking Block Assembly
3
Right Side Main Body Case
21
Output Shaft
4
Nameplate
22
Plastic Gasket
5
Hex Nut M4 x 3.2
23
Bushing
6
Platform Battery Clip
24
Head Shell
7
Reversing Lever
25
Spring Washers
8
Switch (CD-L0118)
26
Cross Pan Head Tapping Screws
9
18V Battery Pack
27
Rubber Cover
10
18V Battery Charger
28
Left Hand Side Main Body Case
11
Drive Motor
29
Left Foot Plate Housing
12
Motor Gear
30
Oil Proof Gasket
13
Tooth Box (CW-L0318)
31
Belt Hook
14
Crosshead Round Base Screws
32
Cross Countersunk Head Screws
15
Inner Ring Gear
33
Lanyard
16
Bearing 6802-2RS
34
Cylindrical Pin
17
Bearing Gasket
35
Rubber Stopper
18
Cylindrical Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com