Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K9F2G08U Datasheet(PDF) 1 Page - STMicroelectronics

Part # K9F2G08U
Description  USB 2.0 high-speed Flash drive controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

K9F2G08U Datasheet(HTML) 1 Page - STMicroelectronics

  K9F2G08U Datasheet HTML 1Page - STMicroelectronics K9F2G08U Datasheet HTML 2Page - STMicroelectronics K9F2G08U Datasheet HTML 3Page - STMicroelectronics K9F2G08U Datasheet HTML 4Page - STMicroelectronics K9F2G08U Datasheet HTML 5Page - STMicroelectronics K9F2G08U Datasheet HTML 6Page - STMicroelectronics K9F2G08U Datasheet HTML 7Page - STMicroelectronics K9F2G08U Datasheet HTML 8Page - STMicroelectronics K9F2G08U Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
August 2007
Rev 5
1/32
1
ST72681
USB 2.0 high-speed Flash drive controller
Features
■ USB 2.0 interface compatible with mass
storage device class
– Integrated USB 2.0 PHYSupports USB
high speed and full speed
– Suspend and Resume operations
■ Mass storage controller interface (MSCI)
– Supports all types of NAND Flash devices
including ST, Hynix, Samsung, Toshiba,
Micron, Renesas
– Reed-Solomon encoder/decoder on-the-fly
correction (4 bytes of a 512-byte block)
– Flash identification support
– Up to 12 MB/s for read and 8 MB/s for write
operations in single channel
– Up to 4 NAND devices supported in a
single channel
■ Embedded ST7 8-bit MCU
■ Supply management
– 3.3 V operation
– Integrated 3.3-1.8 V voltage regulator
■ USB 2.0 low-power device compliant
– Less than 100 mA during write operation
with two NAND Flash devices
– Less than 500 µA in suspend mode
■ AutoRun CDROM partition support
■ Bootability support (HDD mode)
■ Clock management
– Integrated PLL for generating core and
USB 2.0 clock sources using an external
12 MHz crystal oscillator
■ Data protection
– Write protect switch control
– Public/private partitions support
■ Production tool device configurability:
– USB vendor ID/product ID (VID/PID), serial
number and USB strings with foreign
language support
–SCSI strings
– One or two LED outputs
– Adjustable NAND Flash bus frequency to
reach highest performance
■ Code update in the NAND Flash memory
■ TQFP48 7x7 ECOPACK® package
■ Development support
– Complete reference design including
schematics, BOM and gerber files
■ Supports Windows (Vista, XP, 2000, ME),
Linux and MacOS. Drivers available for
Windows 98 SE
TQFP48 7x7
Table 1.
Device summary
Features
Orderable part numbers
ST72681/R20
ST72681/R21
USB interface
USB 2.0 high speed
Number of NAND devices supported (1)
up to 1
up to 4
R/W speed
11MB/s and 7MB/s
12MB/s and 8MB/s
Operating voltage
3.0 to 3.6 V
Operating temperature
0 to +70 °C
Package
TQFP48 7x7 / Die form
1.
Number of NAND devices supported in a single channel.
www.st.com


Similar Part No. - K9F2G08U

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2G08U0A SAMSUNG-K9F2G08U0A Datasheet
999Kb / 44P
FLASH MEMORY
K9F2G08U0A-I SAMSUNG-K9F2G08U0A-I Datasheet
999Kb / 44P
FLASH MEMORY
K9F2G08U0A-P SAMSUNG-K9F2G08U0A-P Datasheet
999Kb / 44P
FLASH MEMORY
K9F2G08U0B SAMSUNG-K9F2G08U0B Datasheet
826Kb / 41P
256M x 8 Bit NAND Flash Memory
K9F2G08U0B-P SAMSUNG-K9F2G08U0B-P Datasheet
826Kb / 41P
256M x 8 Bit NAND Flash Memory
More results

Similar Description - K9F2G08U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72681 STMICROELECTRONICS-ST72681 Datasheet
171Kb / 12P
USB 2.0 HIGH-SPEED 8-BIT MCU FLASH DRIVE CONTROLLER
20-May-2005
logo
SMSC Corporation
USB97C242 SMSC-USB97C242 Datasheet
164Kb / 22P
USB 2.0 Flash Drive Controller
USB97C210 SMSC-USB97C210 Datasheet
380Kb / 24P
USB 2.0 FLASH MEDIA CONTROLLER
USB97C211 SMSC-USB97C211 Datasheet
345Kb / 24P
USB 2.0 Flash Media Controller
logo
STMicroelectronics
ST72682 STMICROELECTRONICS-ST72682 Datasheet
542Kb / 36P
USB 2.0 high-speed Flash drive controller
14-Aug-2007
logo
Texas Instruments
TUSB6015 TI-TUSB6015 Datasheet
694Kb / 28P
USB 2.0 High Speed Peripheral Controller
logo
Taiwan Memory Technolog...
5212 TMT-5212 Datasheet
1Mb / 7P
USB High Speed Flash Controller
I5127-L TMT-I5127-L Datasheet
98Kb / 9P
High-Speed USB Flash Disk Controller
I5128-L TMT-I5128-L Datasheet
379Kb / 9P
High-Speed USB Flash Disk Controller
logo
List of Unclassifed Man...
MW6208 ETC-MW6208 Datasheet
401Kb / 18P
USB 2.0 FLASH DISK CONTROLLER
Revision 1.0 May 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com