Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K9F2G08U Datasheet(PDF) 25 Page - STMicroelectronics

Part # K9F2G08U
Description  USB 2.0 high-speed Flash drive controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

K9F2G08U Datasheet(HTML) 25 Page - STMicroelectronics

Back Button K9F2G08U Datasheet HTML 21Page - STMicroelectronics K9F2G08U Datasheet HTML 22Page - STMicroelectronics K9F2G08U Datasheet HTML 23Page - STMicroelectronics K9F2G08U Datasheet HTML 24Page - STMicroelectronics K9F2G08U Datasheet HTML 25Page - STMicroelectronics K9F2G08U Datasheet HTML 26Page - STMicroelectronics K9F2G08U Datasheet HTML 27Page - STMicroelectronics K9F2G08U Datasheet HTML 28Page - STMicroelectronics K9F2G08U Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
ST72681
Electrical characteristics
25/32
Figure 16.
Typical VDD33-VOH vs. VDD33 (I/O D8)
7.8
Control pin characteristics
7.8.1
Asynchronous RESET pin
TA = 0 to +55 °C unless otherwise specified.
Figure 17.
Typical RON on RESET pin
0
20
40
60
80
100
120
140
160
180
02
468
10
Ioh (mA)
Table 22.
RESET pin characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage (1)
1.
The level on the RESET pin must be free to go below the VIL max. level specified in Section 7.8.1:
Asynchronous RESET pin. Otherwise the reset will not be taken into account internally.
0.16 x
VDD33
V
VIH
Input high level voltage
0.85 x
VDD33
Vhys
Schmitt trigger voltage hysteresis1)
450
mV
RON
Pull-up equivalent resistor
VDD33 = 3.3V
20
40
80
k
Ω
VDD33 = 2V
100
teh(RSTL)
External reset pulse hold time (2)
2.
To guarantee the reset of the Device, a minimum pulse has to be applied to the RESET pin. All short
pulses applied on RESET pin with a duration below teh(RSTL) can be ignored. Not tested in production,
guaranteed by design.
2.5
µs
tg(RSTL)
Filtered glitch duration (3)
3.
The reset network protects the device against parasitic resets.
200
ns
tew(RSTL) External reset pulse duration
(4)
4.
The external reset duration must respect this timing to guarantee a correct start-up of the internal regulator
at power-up. Not tested in production, guaranteed by design.
500
µs
tiw(RSTL)
Internal reset pulse duration
2
tCPU
40
50
60
70
80
90
100
2
2.5
3
3.5
Vdd (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com