Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K9F2G08U Datasheet(PDF) 21 Page - STMicroelectronics

Part # K9F2G08U
Description  USB 2.0 high-speed Flash drive controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

K9F2G08U Datasheet(HTML) 21 Page - STMicroelectronics

Back Button K9F2G08U Datasheet HTML 17Page - STMicroelectronics K9F2G08U Datasheet HTML 18Page - STMicroelectronics K9F2G08U Datasheet HTML 19Page - STMicroelectronics K9F2G08U Datasheet HTML 20Page - STMicroelectronics K9F2G08U Datasheet HTML 21Page - STMicroelectronics K9F2G08U Datasheet HTML 22Page - STMicroelectronics K9F2G08U Datasheet HTML 23Page - STMicroelectronics K9F2G08U Datasheet HTML 24Page - STMicroelectronics K9F2G08U Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
ST72681
Electrical characteristics
21/32
7.6.2
Electromagnetic interference (EMI)
Based on a simple application running on the product (toggling 2 LEDs through the I/O
ports), the product is monitored in terms of emission. This emission test is in line with the
norm SAE J 1752/3 which specifies the board and the loading of each pin.
7.6.3
Absolute maximum ratings (electrical sensitivity)
Based on three different tests (ESD, LU and DLU) using specific measurement methods, the
product is stressed in order to determine its performance in terms of electrical sensitivity.
For more details, refer to the application note AN1181.
Electro-static discharge (ESD)
Electro-Static Discharges (a positive then a negative pulse separated by 1 second) are
applied to the pins of each sample according to each pin combination. The sample size
depends on the number of supply pins in the device (3 parts*(n+1) supply pin). This test
conforms to the JESD22-A114A/A115A standard.
Static and dynamic latch-up
■ LU: 3 complementary static tests are required on 10 parts to assess the latch-up
performance. A supply overvoltage (applied to each power supply pin) and a current
injection (applied to each input, output and configurable I/O pin) are performed on each
sample. This test complies with EIA/JESD 78 IC latch-up specifications. For more details,
refer to the application note AN1181.
■ DLU: Electro-static discharges (one positive then one negative test) are applied to each
pin of 3 samples when the micro is running to assess the latch-up performance in dynamic
mode. Power supplies are set to the typical values, the oscillator is connected as near as
possible to the pins of the micro and the component is put in reset mode. This test
complies with IEC1000-4-2 and SAEJ1752/3 specifications. For more details, refer to the
application note AN1181.
Table 17.
Electromagnetic interference
Symbol
Parameter
Conditions(1)
1.
Refer to Application Note AN1709 for data on other package types.
Monitored
Frequency Band
Max vs.
[fOSC@12 MHz]
Unit
SEMI
Peak level
VDD33 = 3.3V, TA = +25°C,
complies with SAE J 1752/3
specifications
0.1 MHz to 30 MHz
20
dBµV
30 MHz to 130 MHz
25
130 MHz to 1 GHz
25
SAE EMI Level
4
-
Table 18.
Absolute Maximum Ratings
Symbol
Ratings
Conditions
Max.(1)
1.
Data based on characterization results, not tested in production.
Unit
VESD(HBM) Electro-static discharge voltage (Human Body Model) TA = +25°C
2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com