Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K9F2G08U Datasheet(PDF) 12 Page - STMicroelectronics

Part # K9F2G08U
Description  USB 2.0 high-speed Flash drive controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

K9F2G08U Datasheet(HTML) 12 Page - STMicroelectronics

Back Button K9F2G08U Datasheet HTML 8Page - STMicroelectronics K9F2G08U Datasheet HTML 9Page - STMicroelectronics K9F2G08U Datasheet HTML 10Page - STMicroelectronics K9F2G08U Datasheet HTML 11Page - STMicroelectronics K9F2G08U Datasheet HTML 12Page - STMicroelectronics K9F2G08U Datasheet HTML 13Page - STMicroelectronics K9F2G08U Datasheet HTML 14Page - STMicroelectronics K9F2G08U Datasheet HTML 15Page - STMicroelectronics K9F2G08U Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
NAND interface
ST72681
12/32
Using this scheme, a logical address range doesn’t correspond to a constant block. A write
command repeated several times to the same logical address writes physically into different
blocks.
This method shares the wearing evenly across all blocks of the concerned zone.
4.5
NAND interface configuration
Applications based on ST72681 can be configured through a dedicated PC software tool.
The NAND RE and WE signals frequencies can be independently configured to 30 MHz, 20
MHz, 15 MHz, 12 MHz and 10 MHz.
The logical size reduction factor can be configured to 90% or 50% in the event of having too
many bad blocks. this option resizes the used blocks part of the LUT to 900 or 500.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com