Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K9F2G08U Datasheet(PDF) 4 Page - STMicroelectronics

Part # K9F2G08U
Description  USB 2.0 high-speed Flash drive controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

K9F2G08U Datasheet(HTML) 4 Page - STMicroelectronics

  K9F2G08U Datasheet HTML 1Page - STMicroelectronics K9F2G08U Datasheet HTML 2Page - STMicroelectronics K9F2G08U Datasheet HTML 3Page - STMicroelectronics K9F2G08U Datasheet HTML 4Page - STMicroelectronics K9F2G08U Datasheet HTML 5Page - STMicroelectronics K9F2G08U Datasheet HTML 6Page - STMicroelectronics K9F2G08U Datasheet HTML 7Page - STMicroelectronics K9F2G08U Datasheet HTML 8Page - STMicroelectronics K9F2G08U Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Introduction
ST72681
4/32
1
Introduction
The ST72681 is a USB 2.0 high-speed Flash drive controller. The USB 2.0 high-speed
interface including PHY and function supports USB 2.0 mass storage device class.
The mass storage controller interface (MSCI) combined with the Reed-Solomon
encoder/decoder on-the-fly correction (4-byte on 512-byte data blocks) provides a flexible,
high transfer rate solution for interfacing a wide of range NAND Flash memory device types.
The internal 60 MHz PLL driven by the 12 MHz oscillator is used to generate the 480 MHz
frequency for the USB 2.0 PHY.
The ST7 8-bit CPU runs the application program from the internal ROM and RAM. USB data
and patch code are stored in internal RAM.
I/O ports provide functions for EEPROM connection, LEDs and write protect switch control.
The internal 3.3 to 1.8 V voltage regulator provides the 1.8 V supply voltage to the digital
part of the circuit.
Figure 1.
Device block diagram
USB 2.0
USB 2.0
Function
Mass
Controller
PHY
Storage
Interface
Reed-
Solomon
Error
Correction
NAND
I/F
8-bit
CPU
ROM
RAM
3.3 V to 1.8 V
voltage
GPIO
12 MHz
OSC
regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com