Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K9F2G08U Datasheet(PDF) 17 Page - STMicroelectronics

Part # K9F2G08U
Description  USB 2.0 high-speed Flash drive controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

K9F2G08U Datasheet(HTML) 17 Page - STMicroelectronics

Back Button K9F2G08U Datasheet HTML 13Page - STMicroelectronics K9F2G08U Datasheet HTML 14Page - STMicroelectronics K9F2G08U Datasheet HTML 15Page - STMicroelectronics K9F2G08U Datasheet HTML 16Page - STMicroelectronics K9F2G08U Datasheet HTML 17Page - STMicroelectronics K9F2G08U Datasheet HTML 18Page - STMicroelectronics K9F2G08U Datasheet HTML 19Page - STMicroelectronics K9F2G08U Datasheet HTML 20Page - STMicroelectronics K9F2G08U Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
ST72681
Electrical characteristics
17/32
7.2
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the Device. This is a stress rating only and functional operation of the Device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
7.2.1
Voltage characteristics
7.2.2
Current characteristics
7.2.3
Thermal characteristics
Table 7.
Voltage characteristics
Symbol
Ratings
Maximum value
Unit
VDD33 - VSS
Supply voltage
4.0
V
VIN
(1) (2)
1.
Directly connecting the RESET and I/O pins to VDD33 or VSS could damage the device if an unintentional
internal reset is generated or an unexpected change of the I/O configuration occurs (for example, due to a
corrupted program counter). To guarantee safe operation, this connection has to be done through a pull-up
or pull-down resistor (typical: 4.7k
Ω for RESET, 10kΩ for I/Os). For the same reason, unused I/O pins must
not be directly tied to VDD33 or VSS.
2.
When the current limitation is not possible, the VIN absolute maximum rating must be respected, otherwise
refer to IINJ(PIN) specification. A positive injection is induced by VIN > VDD33 while a negative injection is
induced by VIN < VSS.
Input voltage on any other pin
VSS - 0.3 to
VDD33 + 0.3
V
VESD(HBM)
Electro-static discharge voltage (Human Body Model) See Section 7.6.3 on
page 21
VESD(MM)
Electro-static discharge voltage (Machine Model)
Table 8.
Current characteristics
Symbol
Ratings
Maximum value
Unit
IVDD33
Total current into VDD33 power lines (source)
(1)
1.
All power supply (VDD33) and ground (VSS) lines must always be connected to the external supply.
200
mA
IVSS
Total current out of VSS ground lines (sink)
(1)
200
IIO
(2)
2.
Refer to Table 5: General Purpose I/O Ports / Mass Storage I/Os for the output drive capability of each of
the I/Os.
Output current sunk by any I/O (type D2)
25
Output current sunk by any I/O (type D4)
35
Output current sunk by any I/O (type D8)
50
Output current source by any I/Os and control pin
-25
Table 9.
Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
-65 to +150
°C
TJMAX
Maximum junction temperature
120
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com