Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K9F2G08U Datasheet(PDF) 22 Page - STMicroelectronics

Part # K9F2G08U
Description  USB 2.0 high-speed Flash drive controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

K9F2G08U Datasheet(HTML) 22 Page - STMicroelectronics

Back Button K9F2G08U Datasheet HTML 18Page - STMicroelectronics K9F2G08U Datasheet HTML 19Page - STMicroelectronics K9F2G08U Datasheet HTML 20Page - STMicroelectronics K9F2G08U Datasheet HTML 21Page - STMicroelectronics K9F2G08U Datasheet HTML 22Page - STMicroelectronics K9F2G08U Datasheet HTML 23Page - STMicroelectronics K9F2G08U Datasheet HTML 24Page - STMicroelectronics K9F2G08U Datasheet HTML 25Page - STMicroelectronics K9F2G08U Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Electrical characteristics
ST72681
22/32
7.7
I/O port pin characteristics
7.7.1
General characteristics
Subject to general operating conditions for VDD33, fOSC, and TA unless otherwise specified.
Figure 8.
Typical VIL and VIH standard I/Os
Table 19.
Electrical sensitivity values
Symbol
Parameter
Conditions
Class (1)
1.
Class description: A Class is an STMicroelectronics internal specification. All its limits are higher than the
JEDEC specifications, that means when a device belongs to Class A it exceeds the JEDEC standard. B
Class strictly covers all the JEDEC criteria (international standard).
LU
Static latch-up class
TA = +25°C
A
DLU
Dynamic latch-up class
VDD33 = 3.3V, fOSC = 12 MHz, TA = +25°C
A
Table 20.
General I/O port pin characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
TTL ports
0.16 x
VDD33
V
VIH
Input high level voltage
0.85 x
VDD33
Vhys
Schmitt trigger voltage hysteresis (1)
1.
Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested
in production.
400
mV
IL
Input leakage current
VSS ≤ VIN ≤ VDD33,
standard I/Os
1µA
IL5V
5V tolerant input leakage current
VSS ≤ VIN ≤ VDD33
10
VIN = 5V, 25°C
30
RPU
Weak pull-up equivalent resistor (2)
2.
The RPU pull-up equivalent resistor is based on a resistive transistor. This data is based on
characterization results, tested in production at VDD33 max.
VIN = VSS
VDD33 =
3.3V
32
50
75
k
Ω
Vil/Vih (V)
0
0.5
1
1.5
2
2.5
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
Vdd (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com