Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K9F2G08U Datasheet(PDF) 13 Page - STMicroelectronics

Part # K9F2G08U
Description  USB 2.0 high-speed Flash drive controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

K9F2G08U Datasheet(HTML) 13 Page - STMicroelectronics

Back Button K9F2G08U Datasheet HTML 9Page - STMicroelectronics K9F2G08U Datasheet HTML 10Page - STMicroelectronics K9F2G08U Datasheet HTML 11Page - STMicroelectronics K9F2G08U Datasheet HTML 12Page - STMicroelectronics K9F2G08U Datasheet HTML 13Page - STMicroelectronics K9F2G08U Datasheet HTML 14Page - STMicroelectronics K9F2G08U Datasheet HTML 15Page - STMicroelectronics K9F2G08U Datasheet HTML 16Page - STMicroelectronics K9F2G08U Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
ST72681
Mass storage implementation
13/32
5
Mass storage implementation
5.1
USB characteristics
The ST72681 is compliant with USB 2.0 specification.
It is able to operate in both high speed and full speed modes using a bidirectional control
endpoint 0 and a bidirectional bulk endpoint 2.
It automatically recognizes the speed to use on the bus by a process of negotiation with
USB Host.
5.2
BOT / SCSI implementation
5.2.1
BOT specification
The USB Mass Storage Class Bulk Only Transport (BOT) specification version 1.0 is
implemented. It allows the device to be recognized by the host as a mass-storage USB
device.
5.2.2
SCSI specification
Moreover, inside BOT transfers, SCSI commands are encapsulated for mass storage
operations.
The related specifications are SBC-2 revision 10 (SCSI Block Commands 2) and SPC-4
revision 7a (SCSI Primary Commands 4).
5.2.3
Bootability specification
The USB Mass Storage Specification for Bootability revision 1.0 is implemented.
It allows the PC host to boot the operating system from the USB mass storage application.
In this case, the Host uses BOT LUN 0 (logical unit number).
A specific tool must be used to format the logical drive in order to make it bootable by
programming the correct information.
5.3
Multi-LUN device characteristics
The application can be configured with a dedicated PC software tool as a multi-LUN device.
In this case, up to 3 different drives are available: public drive, additional drive and private
drive.
Public and additional drives can be configured as removable drive, hard disk drive or CD-
ROM drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com