Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7264N Datasheet(PDF) 29 Page - ams-OSRAM AG

Part # AS7264N
Description  XYZ Chromatic Color and 440/490nm XYZ Chromatic Color and 440/490nm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7264N Datasheet(HTML) 29 Page - ams-OSRAM AG

Back Button AS7264N Datasheet HTML 25Page - ams-OSRAM AG AS7264N Datasheet HTML 26Page - ams-OSRAM AG AS7264N Datasheet HTML 27Page - ams-OSRAM AG AS7264N Datasheet HTML 28Page - ams-OSRAM AG AS7264N Datasheet HTML 29Page - ams-OSRAM AG AS7264N Datasheet HTML 30Page - ams-OSRAM AG AS7264N Datasheet HTML 31Page - ams-OSRAM AG AS7264N Datasheet HTML 32Page - ams-OSRAM AG AS7264N Datasheet HTML 33Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-00] 2017-Oct-05
AS7264N − Application Information
Schematic
Figure 36:
AS7264N Typical Application Circuit
Application Information
AS7264N
1
17
14
2
7
6
5
4
3
8
16
15
18
9
10
13
12
11
20
19
VDD1
VDD2
RESN
GND
LED_DRV
LED_IND
SCL_S
SDA_S
INT
NF
NF
NF
NF
NF
NF
NF
NF
NF
NF
NF
3V3
3V3
3V3
RST
SCL_M
SDA_M
INT
100nF 10uF
10K
Micro
Controller
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com