Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7264N Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # AS7264N
Description  XYZ Chromatic Color and 440/490nm XYZ Chromatic Color and 440/490nm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7264N Datasheet(HTML) 2 Page - ams-OSRAM AG

  AS7264N Datasheet HTML 1Page - ams-OSRAM AG AS7264N Datasheet HTML 2Page - ams-OSRAM AG AS7264N Datasheet HTML 3Page - ams-OSRAM AG AS7264N Datasheet HTML 4Page - ams-OSRAM AG AS7264N Datasheet HTML 5Page - ams-OSRAM AG AS7264N Datasheet HTML 6Page - ams-OSRAM AG AS7264N Datasheet HTML 7Page - ams-OSRAM AG AS7264N Datasheet HTML 8Page - ams-OSRAM AG AS7264N Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
ams Datasheet
Page 1
[v1-00] 2017-Oct-05
Document Feedback
AS7264N
XYZ Chromatic Color and 440/490nm
Blue Sensor with Electronic Shutter
The AS7264N provides direct XYZ sensor data which conforms
to the tri-stimulus standard observer color response of the
human eye. In addition, two channels added for measurement
of blue spectrum light, plus a near-IR channel enables
additional application flexibility. LED drivers with
programmable currents are provided for electronic shutter
applications.
The AS7264N integrates Gaussian filters into standard CMOS
silicon via nano-optic deposited interference filter technology
and is packaged in an LGA package that provides a built in
aperture to control the light entering the sensor array.
Control and spectral data access is implemented through an I²C
register set.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS7264N, XYZ Chromatic Color and
440/490nm Blue Sensor with Electronic Shutter are listed
below:
Figure 1:
AS7264N Benefits and Features
Benefits
Features
• XYZ channel data conforming to human eye
response to color information
• XYZ tri-stimulus standard observer filter set
• Additional specific blue light sensing in ranges
associated with eye health and other biological
light effects
• Two added blue channels at 440nm and 490nm
• High accuracy ambient light measurements
• Ambient light sensing (photopic response)
• Direct register read and write with interrupt on
sensor ready
• I²C slave digital Interface with optional interrupt
operation
• High stability over lifetime with minimal drift over
temperature
• Filter set realized by silicon interference filters
• No additional signal conditioning required
• 16-bit ADC with digital access
• Direct register read and write with interrupt on
sensor ready
• I²C slave digital Interface with optional interrupt
operation
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com