Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7264N Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS7264N
Description  XYZ Chromatic Color and 440/490nm XYZ Chromatic Color and 440/490nm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7264N Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS7264N Datasheet HTML 6Page - ams-OSRAM AG AS7264N Datasheet HTML 7Page - ams-OSRAM AG AS7264N Datasheet HTML 8Page - ams-OSRAM AG AS7264N Datasheet HTML 9Page - ams-OSRAM AG AS7264N Datasheet HTML 10Page - ams-OSRAM AG AS7264N Datasheet HTML 11Page - ams-OSRAM AG AS7264N Datasheet HTML 12Page - ams-OSRAM AG AS7264N Datasheet HTML 13Page - ams-OSRAM AG AS7264N Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
ams Datasheet
Page 9
[v1-00] 2017-Oct-05
Document Feedback
AS7264N − Operation Characteristics
Figure 9:
Spectral Responsivity
Figure 10:
AS7264N Optical Characteristics (Pass Band)
Note(s):
1. Each channel is tested with GAIN = 3.7x, Integration Time (INT_T) = 166ms and TAMB=25°C
2. The accuracy of each channel count is ±25%
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
X
Channel X
White LED 5700K source, Ee=116μW/cm2
7.7
counts/
(μW/cm2)
Y
Channel Y
White LED 5700K source, Ee=116μW/cm2
8.6
counts/
(μW/cm2)
Z
Channel Z
White LED 5700K source, Ee=116μW/cm2
4.7
counts/
(μW/cm2)
NIR
Channel NIR
Incandescent light source, Ee=465μW/cm2
14.0
counts/
(μW/cm2)
B490
Channel
Blue490
White LED 5700K source, Ee=116μW/cm2
9.4
counts/
(μW/cm2)
B440
Channel
Blue440
White LED 5700K source, Ee=116μW/cm2
10.9
counts/
(μW/cm2)
PFOV
Package Field
of View
±20.5
deg
Operation Characteristics
0
0.2
0.4
0.6
0.8
1
1.2
350
450
550
650
750
850
950
1050
Wavelength [nm]
B490
B440
X
Y
Z
NIR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com