Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7264N Datasheet(PDF) 35 Page - ams-OSRAM AG

Part # AS7264N
Description  XYZ Chromatic Color and 440/490nm XYZ Chromatic Color and 440/490nm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7264N Datasheet(HTML) 35 Page - ams-OSRAM AG

Back Button AS7264N Datasheet HTML 31Page - ams-OSRAM AG AS7264N Datasheet HTML 32Page - ams-OSRAM AG AS7264N Datasheet HTML 33Page - ams-OSRAM AG AS7264N Datasheet HTML 34Page - ams-OSRAM AG AS7264N Datasheet HTML 35Page - ams-OSRAM AG AS7264N Datasheet HTML 36Page - ams-OSRAM AG AS7264N Datasheet HTML 37Page - ams-OSRAM AG AS7264N Datasheet HTML 38Page - ams-OSRAM AG AS7264N Datasheet HTML 39Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
Page 34
ams Datasheet
Document Feedback
[v1-00] 2017-Oct-05
AS7264N − Soldering & Storage Information
Manufacturing Process Considerations
The AS7264N package is compatible with standard reflow
no-clean and cleaning processes including aqueous, solvent or
ultrasonic techniques. However, as an open-aperture device,
precautions must be taken to avoid particulate or solvent
contamination as a result of any manufacturing processes,
including pick and place, reflow, cleaning, integration assembly
and/or testing. Temporary covering of the aperture is allowed.
To avoid degradation of accuracy or performance in the end
product, care should be taken that any temporary covering and
associated sealants/debris are thoroughly removed prior to any
optical testing or final packaging.
Storage Information
Moisture Sensitivity
Optical characteristics of the device can be adversely affected
during the soldering process by the release and vaporization of
moisture that has been previously absorbed into the package.
To ensure the package contains the smallest amount of
absorbed moisture possible, each device is baked prior to being
dry packed for shipping.
Devices are dry packed in a sealed aluminized envelope called
a moisture-barrier bag with silica gel to protect them from
ambient moisture during shipping, handling, and storage
before use.
Shelf Life
The calculated shelf life of the device in an unopened moisture
barrier bag is 12 months from the date code on the bag when
stored under the following conditions:
• Shelf Life: 12 months
• Ambient Temperature: <40°C
• Relative Humidity: <90%
Rebaking of the devices will be required if the devices exceed
the 12 month shelf life or the Humidity Indicator Card shows
that the devices were exposed to conditions beyond the
allowable moisture region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com