Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7264N Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # AS7264N
Description  XYZ Chromatic Color and 440/490nm XYZ Chromatic Color and 440/490nm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7264N Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button AS7264N Datasheet HTML 11Page - ams-OSRAM AG AS7264N Datasheet HTML 12Page - ams-OSRAM AG AS7264N Datasheet HTML 13Page - ams-OSRAM AG AS7264N Datasheet HTML 14Page - ams-OSRAM AG AS7264N Datasheet HTML 15Page - ams-OSRAM AG AS7264N Datasheet HTML 16Page - ams-OSRAM AG AS7264N Datasheet HTML 17Page - ams-OSRAM AG AS7264N Datasheet HTML 18Page - ams-OSRAM AG AS7264N Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-00] 2017-Oct-05
AS7264N − Detailed Descriptions
cleared by writing a 1 to the CLR bit (bit2) of the INTR_POLL_
CLR register (0xF8) after each conversion-acquisition cycle is
completed.
Temperature Sensor
The Temperature Sensor measures on-chip temperature on
demand, and enables temperature compensation procedures.
The basic equation for calculating the internal temperature of
the device is:
TMP_VALUE is the derived from TMPL & TMPH (0xD2 [1:0] and
0xD1 [7:0]) register data. Temperature conversions are
performed by writing 0x24 to the TMP_Config register. Polling
the TMP_Config register will indicate data acquisition is
complete upon reading 0x84. After reading 0x84 the TMP_
Config register should be written to either 0x00 for idle or 0x24
to perform another temperature measurement. The result of
the calculation is the device temperature in degree Celsius (°C).
Electronic Shutter with LED_IND or LED_DRV
Driver Control
Under user control there are two LED driver outputs that can
be used to control LEDs on the two driver pins. This allows
different wavelength light sources to be used in the same
system. The LED output sink currents are programmable and
can drive external LED sources. After programming for current
the sources can be turned off and on via registers to provide
the AS7264N with an electronic shutter capability. If turning
LEDs on, they should be fully on optically before a conversion
begins and not shut off until after the conversion-acquisition
cycle completes
The LED_IND pin can be turned on/off via the LED_IND register
with values 0x01, 0x05, 0x09 and 0x0D for sink currents of 1mA,
2mA, 4mA and 8mA respectively.
For the LED_DRV pin, the GAIN_IDRV Register (0xB9) bits 7 and
6 control the drive strength of the pin for current values 12.5mA,
25mA, 50mA and 100mA. This register also controls the gain of
all light acquisitions so care should be taken when writing to it.
The LED_DRV pin can be turned on/off via the LED_DRV register
bit 2.
(EQ1)
0.7604
TMP
– VALUE
2.048
•
1024
---------------------------------------------------------
–
2.046
10
3
–
•
--------------------------------------------------------------------------------40
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com