Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7264N Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # AS7264N
Description  XYZ Chromatic Color and 440/490nm XYZ Chromatic Color and 440/490nm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7264N Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button AS7264N Datasheet HTML 2Page - ams-OSRAM AG AS7264N Datasheet HTML 3Page - ams-OSRAM AG AS7264N Datasheet HTML 4Page - ams-OSRAM AG AS7264N Datasheet HTML 5Page - ams-OSRAM AG AS7264N Datasheet HTML 6Page - ams-OSRAM AG AS7264N Datasheet HTML 7Page - ams-OSRAM AG AS7264N Datasheet HTML 8Page - ams-OSRAM AG AS7264N Datasheet HTML 9Page - ams-OSRAM AG AS7264N Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
ams Datasheet
Page 5
[v1-00] 2017-Oct-05
Document Feedback
AS7264N − Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Electrical
Characteristics is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability. The device is not designed for high energy UV
(ultraviolet) environments, including upward looking outdoor
applications, which could affect long term optical performance.
Figure 5:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD_MAX
Supply Voltages VDD1,
VDD2
-0.3
5
V
Pins VDD1 & VDD2 must be
sourced from the same supply
voltage
VDD_IO
Input/Output Pin
Voltage
-0.3
VDD+0.3
V
Input/Output pin to GND
ISCR
Input Current
(latch-up immunity)
±100
mA
JESD78D
Electrostatic Discharge
ESDHBM
Electrostatic Discharge
HBM
±1000
V
JS-001-2014
ESDCDM
Electrostatic Discharge
CDM
±500
V
JSD22-C101F
Temperature Ranges and Storage Conditions
TSTRG
Storage Temperature
-40
85
°C
TBODY
Package Body
Temperature
260
°C
IPC/JEDEC J-STD-020. The
reflow peak soldering
temperature (body
temperature) is specified
according IPC/JEDEC
J-STD-020 “Moisture/Reflow
Sensitivity Classification for
Non-hermetic Solid State
Surface Mount Devices”
RHNC
Relative Humidity
(non-condensing)
5
85
%
MSL
Moisture Sensitivity
Level
3
Maximum floor life time of
168 hours
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com