Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7264N Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # AS7264N
Description  XYZ Chromatic Color and 440/490nm XYZ Chromatic Color and 440/490nm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7264N Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button AS7264N Datasheet HTML 12Page - ams-OSRAM AG AS7264N Datasheet HTML 13Page - ams-OSRAM AG AS7264N Datasheet HTML 14Page - ams-OSRAM AG AS7264N Datasheet HTML 15Page - ams-OSRAM AG AS7264N Datasheet HTML 16Page - ams-OSRAM AG AS7264N Datasheet HTML 17Page - ams-OSRAM AG AS7264N Datasheet HTML 18Page - ams-OSRAM AG AS7264N Datasheet HTML 19Page - ams-OSRAM AG AS7264N Datasheet HTML 20Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
ams Datasheet
Page 15
[v1-00] 2017-Oct-05
Document Feedback
AS7264N − Detailed Descriptions
Low Power Mode
AS7264N can be put into the low power mode by writing 0x02
to the POWER MODE Register (0x73). Write 0x00 to set it back
to normal mode. Wait at least 50μs before doing further
AS7264N operations after powering back to normal.
The sequence to configure AS7264N into low power mode:
• Write 0x00 to Register 0xFA
• Write 0x02 to Register 0x73
• AS7264N is in low power mode
The sequence to configure AS7264N out of low power mode:
• Write 0x00 to Register 0x73
• Wait for at least 50μS
• Write 0x03 to Register 0xFA
• AS7264N is in normal mode
Device Initialization and Pin Assignment
On power up device needs to be initialized as follows before
programming registers to do data conversion and acquisition:
• Device Config 1 register: 0x70 written to 0x8A
• Device Config 2 register: 0x71 written to 0x02
• Device Config 3 register: 0xB0 written to 0x02
• Device Config 4 register: 0x88 written to 0x00
• Device Config 5 register: 0x9A written to 0x02
• Interrupt Operation: The only user defined pin
functionality is whether to use pin 13 as an interrupt signal
at the completion of data conversion. This is done by
programming the INTR_PIN_Config register (0x22) to
0xCA. To disable interrupt function the INTR_PIN_Config
register should be programmed to 0x00, which is the
power-on and reset default.
RC Oscillator
An internal on-chip timing generation circuit provides a 16MHz
temperature compensated oscillator for the AS7264N master
clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com