Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7264N Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # AS7264N
Description  XYZ Chromatic Color and 440/490nm XYZ Chromatic Color and 440/490nm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7264N Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button AS7264N Datasheet HTML 5Page - ams-OSRAM AG AS7264N Datasheet HTML 6Page - ams-OSRAM AG AS7264N Datasheet HTML 7Page - ams-OSRAM AG AS7264N Datasheet HTML 8Page - ams-OSRAM AG AS7264N Datasheet HTML 9Page - ams-OSRAM AG AS7264N Datasheet HTML 10Page - ams-OSRAM AG AS7264N Datasheet HTML 11Page - ams-OSRAM AG AS7264N Datasheet HTML 12Page - ams-OSRAM AG AS7264N Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-00] 2017-Oct-05
AS7264N − Timing Characteristics
Figure 7:
AS7264N I²C Slave Timing Characteristics
Figure 8:
I²C Slave Timing Diagram
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
I²C Interface
fSCLK
SCL Clock Frequency
0
400
kHz
tBUF
Bus Free Time Between a STOP
and START
1.3
μs
tHS:STA
Hold Time (Repeated) START
0.6
μs
tLOW
LOW Period of SCL Clock
1.3
μs
tHIGH
HIGH Period of SCL Clock
0.6
μs
tSU:STA
Setup Time for a Repeated START
0.6
μs
tHS:DAT
Data Hold Time
0
0.9
μs
tSU:DAT
Data Setup Time
100
ns
tR
Rise Time of Both SDA and SCL
20
300
ns
tF
Fall Time of Both SDA and SCL
20
300
ns
tSU:STO
Setup Time for STOP Condition
0.6
μs
CB
Capacitive Load for Each Bus Line
Total capacitance of one
bus line in pF
400
pF
CI/O
I/O Capacitance (SDA, SCL)
10
pF
Timing Characteristics
SCL
SDA
tSU:STA
tLOW
tHIGH
tF
tR
tHD:STA
tSU:STO
tSU:DAT
tHD:DAT
tBUF
VIH
VIL
PS
SP
Stop
Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com