Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163B Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # AS1163B
Description  Standalone intelligent driver with 2 RGB channels
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163B Datasheet(HTML) 3 Page - ams-OSRAM AG

  AS1163B Datasheet HTML 1Page - ams-OSRAM AG AS1163B Datasheet HTML 2Page - ams-OSRAM AG AS1163B Datasheet HTML 3Page - ams-OSRAM AG AS1163B Datasheet HTML 4Page - ams-OSRAM AG AS1163B Datasheet HTML 5Page - ams-OSRAM AG AS1163B Datasheet HTML 6Page - ams-OSRAM AG AS1163B Datasheet HTML 7Page - ams-OSRAM AG AS1163B Datasheet HTML 8Page - ams-OSRAM AG AS1163B Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
AS1163B
General description
Short Datasheet
• PUBLIC • Document Feedback
DS001125
• v1-00 • 2025-Jan-24
3 / 21
/
AS1163B SAID2 - Standalone intelligent
driver with 2 RGB channels
1
General description
AS1163B is a mixed signal silicon device optimized for dynamic lighting applications.
The basic purpose of AS1163B is to drive 6 LEDs organized in 2 channel triplets (RGB) with
an independent PWM dimming dynamic range up to 16 bits.
AS1163B
is often addressed with a different name: “SAID2”, an acronym, which stands for
Stand-Alone Intelligent Driver with 2 RGB channels.
Daisy chain configurations of multiple AS1163B devices will enable cost effective
implementation of complex dynamic lighting effects.
AS1163B will support single layer slim PCB designs.
The communication protocol supported by AS1163B is Open System Protocol (OSP), which
makes the SAID2 fully compatible with the ams OSRAM OSIRE E3731i. AS1163B will support
additional features such as I²C gateway, parallel connection, power-rail feedback, analog
readout.
Each AS1163B device in the chain will be usable by a MCU to read and write an external I²C
device, e.g. EEPROM, temperature sensor, Ambient Light Sensor.
AS1163B is with Functional Safety QM and supports to achieve ASIL-B on system level.
1.1
Key benefits & features
The benefits and features of AS1163B, SAID2 - Standalone intelligent driver with 2 RGB
channels are listed below:
Table 1: Added value of using AS1163B
Benefits
Features
Cost effective system design
Single layer PCB
Slim layout
2x RGB channels per IC
Sensing integration
I²C gateway (compatible with 5V and tolerant for 3V3 and 1V8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com