Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163B Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # AS1163B
Description  Standalone intelligent driver with 2 RGB channels
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163B Datasheet(HTML) 1 Page - ams-OSRAM AG

  AS1163B Datasheet HTML 1Page - ams-OSRAM AG AS1163B Datasheet HTML 2Page - ams-OSRAM AG AS1163B Datasheet HTML 3Page - ams-OSRAM AG AS1163B Datasheet HTML 4Page - ams-OSRAM AG AS1163B Datasheet HTML 5Page - ams-OSRAM AG AS1163B Datasheet HTML 6Page - ams-OSRAM AG AS1163B Datasheet HTML 7Page - ams-OSRAM AG AS1163B Datasheet HTML 8Page - ams-OSRAM AG AS1163B Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Published by ams-OSRAM AG
Tobelbader Strasse 30, 8141 Premstaetten, Austria
Phone +43 3136 500-0
ams-osram.com
© All rights reserved
AS1163B
Datasheet


Similar Part No. - AS1163B

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
AS1163 AMSOSRAM-AS1163 Datasheet
1Mb / 91P
Standalone intelligent driver
2025-Nov-21
More results

Similar Description - AS1163B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK6972C SANYO-STK6972C Datasheet
139Kb / 1P
DC MOTOR DRIVER (2-CHANNELS)
LV8481CS SANYO-LV8481CS Datasheet
255Kb / 13P
Saturated Driver with 2 channels Constant Current Driver
logo
Texas Instruments
LP55281 TI1-LP55281 Datasheet
1Mb / 35P
Quad RGB Driver
logo
OptoSupply Internationa...
OSTW5050C1A OPTOSUPPLY-OSTW5050C1A Datasheet
240Kb / 4P
5x5x1.5mm intelligent control rgb led
logo
TRINAMIC Motion Control...
TMC2100-LA TRINAMIC-TMC2100-LA Datasheet
1Mb / 46P
Standalone intelligent Step/Direction driver
logo
Exar Corporation
XR32220 EXAR-XR32220 Datasheet
874Kb / 13P
2-Driver/2-Receiver Intelligent RS-232 Transceiver
XR32220EBER-L EXAR-XR32220EBER-L Datasheet
647Kb / 16P
2-Driver/2-Receiver Intelligent RS-232 Transceiver with 1.65V to 5.5V Interface
XR32220EBER-L-TR EXAR-XR32220EBER-L-TR Datasheet
647Kb / 16P
2-Driver/2-Receiver Intelligent RS-232 Transceiver with 1.65V to 5.5V Interface
XR32220 EXAR-XR32220_17 Datasheet
617Kb / 15P
2-Driver/2-Receiver Intelligent RS-232 Transceiver with 1.65V to 5.5V Interface
logo
TRINAMIC Motion Control...
TMC2100 TRINAMIC-TMC2100 Datasheet
1Mb / 48P
Standalone intelligent Step/Direction driver for two-phase bipolar stepper motor.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com