Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163B Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # AS1163B
Description  Standalone intelligent driver with 2 RGB channels
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163B Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button AS1163B Datasheet HTML 10Page - ams-OSRAM AG AS1163B Datasheet HTML 11Page - ams-OSRAM AG AS1163B Datasheet HTML 12Page - ams-OSRAM AG AS1163B Datasheet HTML 13Page - ams-OSRAM AG AS1163B Datasheet HTML 14Page - ams-OSRAM AG AS1163B Datasheet HTML 15Page - ams-OSRAM AG AS1163B Datasheet HTML 16Page - ams-OSRAM AG AS1163B Datasheet HTML 17Page - ams-OSRAM AG AS1163B Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
AS1163B
Electrical characteristics
Short Datasheet
• PUBLIC • Document Feedback
DS001125
• v1-00 • 2025-Jan-24
14 / 21
/
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ILED_Mis
LED channel current
matching (2)
Max ILED
Driver to Driver
(same
channel). Over
the whole
temperature
range and max
current setting.
Tested with
VDD=5V
-2.5
2.5
%
ILED_rise/fall
LED rising / falling edge
From 10 to
90%
50
ns
LED Off
LED Off current
3
µA
PWM_freq
PWM freq. fast
1.172
kHz
PWM_freq
PWM freq. slow
0.586
kHz
PWM_res
PWM freq. fast
14
bit
PWM_res
PWM freq. slow
15
bit
PWM_freq_acc
PWM freq. accuracy
-5
5
%
PWM_INL
0.2
LSB
VDD_UV
Under voltage threshold
4.15
V
VDD_UV_HYST
Under voltage hysteresis
100
mV
VTH_Dig
Valid digital input(3)
0.5
0.75
1.2
V
ADC_VREF1
0.365
V
ADC_VREF2
0.972
V
ADC_VREF
Buffered ADC reference
1.340
V
ADC_OS
ADC offset(4)
Vf meas.
-2
2
LSB
ADC_RANGE
Typical input range, Vf
mode
Vf meas.
VDD -
8/3
ADC_V
REF
VDD
V
ADC_GAIN
Vf meas.
3.494
mV/LSB
ADC_GAIN_ERR
Gain variation
Vf meas,
referred to full-
scale. Tested
with VDD=5V
-1.12
1.12
%
ADC_DNL
DNL
Vf meas.
Valid for
Tj<125C
-1
1
LSB
ADC_INL
INL
Vf meas.
-3
3
LSB
ADC_TSAMPLE
Vf meas.
1.6
µs
T_acc
Temperature sensor
accuracy
Room temp.
-8
8
ºC
T_AMB
Ambient temperature
-40
125
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com