Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163B Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # AS1163B
Description  Standalone intelligent driver with 2 RGB channels
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163B Datasheet(HTML) 4 Page - ams-OSRAM AG

  AS1163B Datasheet HTML 1Page - ams-OSRAM AG AS1163B Datasheet HTML 2Page - ams-OSRAM AG AS1163B Datasheet HTML 3Page - ams-OSRAM AG AS1163B Datasheet HTML 4Page - ams-OSRAM AG AS1163B Datasheet HTML 5Page - ams-OSRAM AG AS1163B Datasheet HTML 6Page - ams-OSRAM AG AS1163B Datasheet HTML 7Page - ams-OSRAM AG AS1163B Datasheet HTML 8Page - ams-OSRAM AG AS1163B Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AS1163B
General description
Short Datasheet
• PUBLIC • Document Feedback
DS001125
• v1-00 • 2025-Jan-24
4 / 21
/
Benefits
Features
Open system protocol
• Auto-addressing 2.4 Mbit/s two-wire daisy chain protocol
• Up to 1000 nodes
• CRC protected communication
Adjustable output current
3, 6, 12, 24, 48 mA
Brightness adjustment
16-bit equivalent dynamic range when LSB dithering
function is activated.
15-bit PWM engine @ 500 Hz
14-bit PWM engine @ 1000 Hz
• Low EMI
• Low power consumption
• Reduced phantom effect
Enhanced driving mode (Dithering)
Star network implementation
External setting of parallel addressing (also called branching)
Sync pin
External HW sync for display application
Remote analog input for sensing
Integrated 10-bit ADC + MUX
– range VDD – VDD-3.56 V
Functional Safety
QM (compliant with ASIL-B on system level)
1.2
Applications
•
Interior dynamic lighting effect
•
Ambient lighting
•
Functional lighting
•
Exterior lighting (e.g. grill application)
•
Roof lighting
•
Smart surface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com