Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163B Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS1163B
Description  Standalone intelligent driver with 2 RGB channels
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163B Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS1163B Datasheet HTML 6Page - ams-OSRAM AG AS1163B Datasheet HTML 7Page - ams-OSRAM AG AS1163B Datasheet HTML 8Page - ams-OSRAM AG AS1163B Datasheet HTML 9Page - ams-OSRAM AG AS1163B Datasheet HTML 10Page - ams-OSRAM AG AS1163B Datasheet HTML 11Page - ams-OSRAM AG AS1163B Datasheet HTML 12Page - ams-OSRAM AG AS1163B Datasheet HTML 13Page - ams-OSRAM AG AS1163B Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AS1163B
Pin assignment
Short Datasheet
• PUBLIC • Document Feedback
DS001125
• v1-00 • 2025-Jan-24
10 / 21
/
3.2
Pin description
Table 2: Pin description of AS1163B
Pin number
Pin name
Pin type(1)
Description(2)
QFN 3x3 16
1
G0
ANA
Driver 1 of channel 0 (Green)
2
R0
ANA
Driver 0 of channel 0 (Red)
3
GNDP
PWR
Power ground
4
VDD
PWR
5 V power supply
5
SIO1P
ANA/DIO
Positive digital IO for SIO1 interface
6
SIO1N
ANA/DIO
Negative digital IO for SIO1 interface
7
GNDA
PWR
Analog ground
8
SIO2N
ANA/DIO
Negative digital IO for SIO2 interface, test-bus.
9
SIO2P
ANA/DIO
Positive digital IO for SIO2 interface, test-bus.
10
B1
ANA
Driver 2 of channel 1 (Blue), also INT
In case I²C interface, must be disconnected with pin 13
11
G1
ANA
Driver 1 of channel 1 (Green), also SCL
In case I²C interface, must be disconnected with pin 14
12
R1
ANA
Driver 0 of channel 1 (Red), also SDA
In case I²C interface, must be disconnected with pin 15
13
B1
ANA
To be shorted with Pin 10 on PCB, also SYNC
14
G1
ANA
To be shorted with Pin 11 on PCB, also for parallel
address configuration
15
R1
ANA
To be shorted with Pin 12 on PCB, also for parallel
address configuration
16
B0
ANA
Driver 2 of channel 0 (Blue)
(1) Explanation of abbreviations:
DIO
Digital input and output
ANA
Analog pin
PWR
Power pin
(2) Pin name: R, G and B are only for naming purposes, not necessarily to be bound to red, green or blue color.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com