Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163B Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # AS1163B
Description  Standalone intelligent driver with 2 RGB channels
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163B Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button AS1163B Datasheet HTML 11Page - ams-OSRAM AG AS1163B Datasheet HTML 12Page - ams-OSRAM AG AS1163B Datasheet HTML 13Page - ams-OSRAM AG AS1163B Datasheet HTML 14Page - ams-OSRAM AG AS1163B Datasheet HTML 15Page - ams-OSRAM AG AS1163B Datasheet HTML 16Page - ams-OSRAM AG AS1163B Datasheet HTML 17Page - ams-OSRAM AG AS1163B Datasheet HTML 18Page - ams-OSRAM AG AS1163B Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
AS1163B
Electrical characteristics
Short Datasheet
• PUBLIC • Document Feedback
DS001125
• v1-00 • 2025-Jan-24
15 / 21
/
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
T_J
Junction temperature
-40
150
ºC
Rth
Thermal resistance from
junction to ambient
temperature
64
°C/W
V_th_se_high
Threshold on SIOx_x to
detect communication
mode (high)
2.85
VDD+0.3
V
V_th_se_low
Threshold on SIOx_x to
detect communication
mode (low)
-0.3
0.7
V
V_SIOx_P/N(O,L)
Output low level for pin
SIOx_P and SIOx_N for
single-ended
communication
10k Ohm load
0
0.7
V
V_SIOx_P/N(O,H)
Output high level for pin
SIOx_P and SIOx_N for
single-ended
communication
10k Ohm load
VDD-0.7
VDD+0.3
V
F_com_mcu
Allowed input data rate
for communication in
MCU mode. Tested with
VDD=5V
2.23
2.4
2.62
Mbps
DUTY_com_mcu
Allowed input duty cycle
in MCU mode. Tested
with VDD=5V
47.5
52.5
%
F_com_can
Allowed input data rate
for communication in
CAN RTX mode. Tested
with VDD=5V
2.31
2.4
2.55
Mbps
DUTY_com_can
Allowed input duty cycle
in CAN RTX mode.
Tested with VDD=5V
40
55
%
Time between
consecutive telegrams
from MCU
Dependent on
length of daisy
chain
8.3
µs
VIH_SE
High level input voltage
single ended
communication
2.4
VDD+0.3
V
VIL_SE
Low level input voltage
single ended
communication
-0.3
0.7
V
LVDS_VCM
LVDS common mode
voltage with active
communication
1.2
V
LVDS_VDIFF
LVDS differential voltage
300
mV
LVDS_VCM_IDLE
LVDS common mode
voltage with no active
communication
0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com