Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163B Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # AS1163B
Description  Standalone intelligent driver with 2 RGB channels
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163B Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button AS1163B Datasheet HTML 9Page - ams-OSRAM AG AS1163B Datasheet HTML 10Page - ams-OSRAM AG AS1163B Datasheet HTML 11Page - ams-OSRAM AG AS1163B Datasheet HTML 12Page - ams-OSRAM AG AS1163B Datasheet HTML 13Page - ams-OSRAM AG AS1163B Datasheet HTML 14Page - ams-OSRAM AG AS1163B Datasheet HTML 15Page - ams-OSRAM AG AS1163B Datasheet HTML 16Page - ams-OSRAM AG AS1163B Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AS1163B
Electrical characteristics
Short Datasheet
• PUBLIC • Document Feedback
DS001125
• v1-00 • 2025-Jan-24
13 / 21
/
5
Electrical characteristics
All limits are guaranteed. The parameters with Min and Max values are guaranteed with
production tests or SQC (Statistical Quality Control) methods.
Table 4: Electrical characteristics of AS1163B
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Startup time
1
ms
VDD_com_stop
VDD communication
stop (stop of
communication when
VDD drops below)
2.6
V
VDD
Positive supply voltage
4.3
5.5
V
IDD
Supply current
All drivers at
full current
50
mA
IDD_sleep
Sleep current
1.6
mA
IDD_Dsleep
Deep sleep current
1.5
mA
VLED_Head
Min headroom LED
driver
1% current
compression
relative to 2.5V
600
mV
LED_Short
LED short detection
threshold
VDD-1.8
VDD-
1.2
VDD-0.5
V
LED_Open
LED open detection
threshold
50
250
550
mV
LED_Pers
Minimum PWM duration
and fault duration for
LED_open / LED_Short
functionality
27
µs
ILED_abs_acc
LED current absolute
accuracy
Max ILED
absolute driver
accuracy. Over
the whole
temperature
range and max
current setting.
Tested with
VDD=5V
-8.5
8.5
%
ILED_C2C_Mis
LED channel to channel
matching (1)
Max ILED
Channel to
Channel over
the whole
temperature
range and max
current setting.
Tested with
VDD=5V
-5
5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com