Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163B Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # AS1163B
Description  Standalone intelligent driver with 2 RGB channels
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163B Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button AS1163B Datasheet HTML 8Page - ams-OSRAM AG AS1163B Datasheet HTML 9Page - ams-OSRAM AG AS1163B Datasheet HTML 10Page - ams-OSRAM AG AS1163B Datasheet HTML 11Page - ams-OSRAM AG AS1163B Datasheet HTML 12Page - ams-OSRAM AG AS1163B Datasheet HTML 13Page - ams-OSRAM AG AS1163B Datasheet HTML 14Page - ams-OSRAM AG AS1163B Datasheet HTML 15Page - ams-OSRAM AG AS1163B Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
AS1163B
Absolute maximum ratings
Short Datasheet
• PUBLIC • Document Feedback
DS001125
• v1-00 • 2025-Jan-24
12 / 21
/
4
Absolute maximum ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. These are stress ratings only. Functional operation of the device at
these or any other conditions beyond those indicated under “Operating Conditions” is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 3: Absolute maximum ratings of AS1163B
Symbol
Parameter
Min
Max
Unit
Comments
Electrical parameters
VDD / VGND
Supply voltage to ground
-0.3
7
V
Referenced to GND
VIN
Input pin voltage to
ground
-0.3
VDD+0.3
V
ISCR
Input current (latch-up
immunity)
± 100
mA
AEC-Q100-004
Continuous power dissipation (TA = 70 °C)
PT
Continuous power
dissipation
600
mW
Continuous power dissipation (TA = 125 °C, VOUT = 2.5 V, RTH = 71.6 °C/W)
PT
Continuous power
dissipation
300
mW
Electrostatic discharge
ESDHBM
Electrostatic discharge
HBM
± 4
KV
AEC-Q100-002
ESDCDM
Electrostatic discharge
CDM
± 500
V
AEC-Q100-011, ±750V for corner pins
Temperature ranges and storage conditions
TA
Operating ambient
temperature
-40
125
°C
TJ
Operating junction
temperature
-40
150
°C
TSTRG
Storage temperature
range
-55
150
°C
TBODY
Package body
temperature
260
°C
IPC/JEDEC J-STD-020 (1)
RHNC
Relative humidity (non-
condensing)
5
85
%
MSL
Moisture sensitivity level
3
ICP/JEDEC J-STD-033
(1) The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-
020 “Moisture/Reflow
Sensitivity Classification for Non-
hermetic Solid State Surface Mount Devices.” The lead finish for Pb‑free leaded packages is
“Matte Tin” (100 % Sn).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com