Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953A-BDFT Datasheet(PDF) 25 Page - ams-OSRAM AG

Part # AS3953A-BDFT
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A-BDFT Datasheet(HTML) 25 Page - ams-OSRAM AG

Back Button AS3953A-BDFT Datasheet HTML 21Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 22Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 23Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 24Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 25Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 26Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 27Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 28Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 29Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 71 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-05] 2019-Feb-15
AS3953A − Detailed Description
Word Address Byte
Both proprietary commands related to EEPROM (Read and
Write) use Word Address byte to define the address of EEPROM
word that is accessed. Seven MSB bits of the Address Byte are
used to define the address, while the last bit is “don’t care”.
Note(s): The valid range for the Word Address byte is from 0000
000xb to 0011 111xb (EEPROM words from 00h to 1Fh).
Read EEPROM
The Read EEPROM command is used to read data from the
EEPROM. The request information field contains the following
three bytes:
• Command code byte (02h)
• Address of the first word to be read
• Number of words to be read
Figure below defines coding of Read EEPROM command
information field.
Figure 29:
Read EEPROM Command
If the request is normally processed, the reply information field
contains the status word 90h followed by the data. In case of
error, the information field only contains the error status byte.
The following rules apply:
• In case the number of words to be read is higher than 8,
first eight words are read.
• In case the read protected word (its read lock bit is set) is
accessed, an all ‘0’ data is sent out.
• In case the reading starts at valid address and the number
of words to read is such that the reading would be done
beyond the EEPROM addressing space, all ‘0’ data is
returned for non-existing addresses.
• In case the reading starts at non-existing address, error
information field is returned.
02h
Address of First
Word to be Read
Number of Words
(
≤8) to be Read
1byte
1byte
1byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com