Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953A-BDFT Datasheet(PDF) 18 Page - ams-OSRAM AG

Part # AS3953A-BDFT
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A-BDFT Datasheet(HTML) 18 Page - ams-OSRAM AG

Back Button AS3953A-BDFT Datasheet HTML 14Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 15Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 16Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 17Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 18Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 19Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 20Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 21Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 22Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 71 page
background image
ams Datasheet
Page 17
[v1-05] 2019-Feb-15
Document Feedback
AS3953A − Detailed Description
Coding of UID
Anti-collision procedure is based on Unique Identification
Number (UID). The AS3953A supports double UID size (7 bytes).
First three bytes of UID are hard-wired inputs to the PICC Logic
(uid<23:0>). Last 4 bytes of UID are stored in EEPROM UID word.
First Byte of UID (uid0)
First byte of UID is according to [ISO3] ISO/IEC 7816-6 IC
Manufacturer ID. It is coded on bits uid<7:0>. ams IC
Manufacturer ID is 3F(hex).
Second Byte of UID (uid1)
Second byte of UID – uid<15:8> is reserved for ams chip type
(IC Type). Every ams RFID tag IC has its own chip type attributed.
Therefore PCD which has read the RFID tag UID knows to which
tag IC it is talking.
The AS3953A IC type is 10(hex).
Third Byte of UID (uid2)
Third byte of UID – uid<23:16> is set to 00(hex). Figure below
defines the coding of the first three bytes of UID.
Figure 13:
Coding of First Three Bytes of UID
The last 4 bytes of UID are read from EEPROM (UID word). Figure
below defines the last four bytes of UID.
Figure 14:
Coding of Last Four Bytes of UID
UID Byte
FL Signal Name
Value (hex)
uid0
uid<7:0>
3F
uid1
uid<15:8>
10
uid2
uid<23:16>
00
UID Byte
UID Word Bits
uid3
b7-b0
uid4
b15-b8
uid5
b23-b16
uid6
b31-b24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com