Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953A-BDFT Datasheet(PDF) 50 Page - ams-OSRAM AG

Part # AS3953A-BDFT
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A-BDFT Datasheet(HTML) 50 Page - ams-OSRAM AG

Back Button AS3953A-BDFT Datasheet HTML 46Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 47Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 48Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 49Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 50Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 51Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 52Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 53Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 54Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 71 page
background image
ams Datasheet
Page 49
[v1-05] 2019-Feb-15
Document Feedback
AS3953A − Detailed Description
Mode Definition Registers
Figure 55:
Mode Definition Register
Note(s):
1. Default value is loaded from EEPROM configuration word bits
b12 to b7 during power-up initialization.
Address# 01h : Mode Definition
Type: RW
Bit
Name
Default
Function
Comments
7RFU
6RFU
5
r_mod_1
See note (1)
00: ISO 14443A Level-4 Protocol
mode
01: ISO 14443A Level-3 Protocol
mode
10: Framing mode
11: Transparent mode
ISO mode in case of register
control;
If ISO 14443A Protocol mode
is selected through registers,
logic is forced in Level-4
mode.
4
r_mod_2
See note (1)
3
r_rxncrc
See note (1)
1: Rx – CRC is not checked, CRC
part of message is also put in
FIFO
Applicable in ISO 14443A
Level-3 Protocol mode and
Framing mode. In Protocol
mode, applicable for frames
which are put in FIFO.
2
r_rxbs
See note (1)
1: Rx – Bit stream mode,
received bits are put in FIFO (no
parity and CRC check)
1
r_txncrc
See note (1)
1: Tx – Do not generate CRC
0
r_txbs
See note (1)
1: Tx – Bit stream mode, bits put
in FIFO are sent without parity
and CRC generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com