Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953A-BDFT Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # AS3953A-BDFT
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A-BDFT Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button AS3953A-BDFT Datasheet HTML 11Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 12Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 13Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 14Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 15Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 16Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 17Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 18Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 71 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-05] 2019-Feb-15
AS3953A − Detailed Description
Power Manager
Power manager is controlling the positive supply voltage of the
PICC Logic, EEPROM and SPI Interface (VDD). Its inputs are
VP_INT (rectified and regulated supply extracted from PCD
field) and the VP_SPI (SPI power supply from external).
In standby mode, when the AS3953A is not in a PCD field
(condition is that rectified supply voltage is below HF_PON
threshold) and the SPI is not active (/SS is high) the VDD supply
is disconnected not to consume on VP_SPI. The only
consumption on VP_SPI is leakage of level shifters and SPI pins.
When the AS3953A is placed in a PCD field the VDD is connected
to VP_INT. This happens once the VP_INT level is above the
HF_PON threshold.
VP_SPI is connected to VDD only when the AS3953A is not in
the PCD field (rectified supply voltage is below HF_PON
threshold) and the SPI interface is activated by pulling /SS signal
low. The switch to VP_SPI is controlled by /SS signal. The
deactivation is delayed by 0.7ms min., thus the switch stays on
in case the time between successive SPI activations is short.
During EEPROM writing, which is activated over the SPI, the
switch is also active.
At activation of the switch the time between the falling edge
of /SS signal and rising edge of SCLK has to be at least 50μs to
allow charging of internal VDD buffer capacitor and expiration
of POR signal. Please note that the only SPI operations, which
are allowed in this mode, are reading and writing of the EEPROM
and registers.
Figure 12:
Power Manager Concept
DELAY
VP_INT
VP_SPI
VDD
PON
/SS
EEPROM
WRITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com