Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953A-BDFT Datasheet(PDF) 54 Page - ams-OSRAM AG

Part # AS3953A-BDFT
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A-BDFT Datasheet(HTML) 54 Page - ams-OSRAM AG

Back Button AS3953A-BDFT Datasheet HTML 50Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 51Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 52Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 53Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 54Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 55Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 56Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 57Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 58Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 71 page
background image
ams Datasheet
Page 53
[v1-05] 2019-Feb-15
Document Feedback
AS3953A − Detailed Description
Interrupt Register and Associated Registers
Figure 60:
Mask Main Interrupt Register
Note(s):
1. Default setting is set at power-up and after Set Default command.
Address# 08h: Mask Main Interrupt
Type: RW
Bit
Name
Default
Function
Comments
7
M_pu
1
Mask power-up IRQ
This bit is set to ‘0’ during
power-up initialization in case
EEPROM configuration bit irq_pu
is set to ‘1’
6M_wu_l4
1
Mask wake-up IRQ at entry in
ACTIVE(*) state
This bit is set to ‘0’ during
power-up initialization in case
EEPROM configuration bit irq_l4
is set to ‘1’
5M_wu
0
Mask wake-up IRQ triggered
by sending Wake-Up
command
4
M_rxs
0
Mask IRQ due to start of
receive
3
M_rxe
0
Mask IRQ due to end of
receive
2
M_txe
0
Mask IRQ due to end of
transmission
1M_wl
0
Mask IRQ due to FIFO water
level
00
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com