Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953A-BDFT Datasheet(PDF) 33 Page - ams-OSRAM AG

Part # AS3953A-BDFT
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A-BDFT Datasheet(HTML) 33 Page - ams-OSRAM AG

Back Button AS3953A-BDFT Datasheet HTML 29Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 30Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 31Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 32Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 33Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 34Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 35Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 36Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 37Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 71 page
background image
Page 32
ams Datasheet
Document Feedback
[v1-05] 2019-Feb-15
AS3953A − Detailed Description
Figure 38:
PCD-to-PICC Frame Delay Compensation
OTP Words
Write and Read Lock Words are OTP (One Time Programmable).
This means that once they are set to ‘1’, they cannot be reset
back to ‘0’. Since setting of OTP bits is an irreversible operation,
it is strongly recommended to perform it in controlled
environment.
Write Lock Word
The Write Lock Word contains write lock bits. Each EEPROM
word has a corresponding lock bit in the Write Lock Word. Once
a certain lock bit is set to ‘1’, the content of corresponding word
cannot be modified any more (it becomes read only), EEPROM
Write commands issued either through PICC interface or
through SPI interface are rejected. The lock bit of a certain
number protects the word with the same number (e.g. b5 of
lock word protects word 5). Since lock bits are OTP they cannot
be reset back to ‘0’ once they are set to ‘1’.Therefore once a
certain word is locked it cannot be unlocked any more. The lock
bits for page 0 is “don’t care” since word 0 is always read only.
Please note that setting lock bit b2 locks the Lock Word itself,
therefore once this bit is set the lock configuration cannot be
modified any more.
Read Lock Word
The Read Lock Word contains read lock bits. Each EEPROM word
has a corresponding lock bit in the Read Lock Word. Once a
certain lock bit is set to ‘1’, the content of corresponding word
cannot be read through PICC interface, it can only be read
through SPI interface. The lock bit of a certain number protects
the word with the same number (e.g. b5 of lock word protects
word 5). Since lock bits are OTP they cannot be reset back to ‘0’
once they are set to ‘1’. Therefore once a certain word is locked
it cannot be unlocked any more. The lock bits for pages 0 to 4
are “don’t care”; these pages can be read through PICC interface
even in case their corresponding lock bits are set.
fdel<1:0>
Delay [ns]
Delay [Number of 13.56 MHz Periods]
00
442.5
6
01
295.0
4
10
147.5
2
11
590.0
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com