Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953A-BDFT Datasheet(PDF) 52 Page - ams-OSRAM AG

Part # AS3953A-BDFT
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A-BDFT Datasheet(HTML) 52 Page - ams-OSRAM AG

Back Button AS3953A-BDFT Datasheet HTML 48Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 49Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 50Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 51Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 52Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 53Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 54Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 55Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 56Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 71 page
background image
ams Datasheet
Page 51
[v1-05] 2019-Feb-15
Document Feedback
AS3953A − Detailed Description
Figure below defines the coding of the Bit Rate.
Figure 57:
Bit Rate Coding
Note(s):
1. In case a bit rate which is not supported is selected, the Tx / Rx operation is disabled.
Display Registers
Figure 58:
RFID Status Display Register
Note(s):
1. The information read from this register can be false during reception (the logic state change during reception and the readout of
status can be done just at the moment when the status is changing).
2. The RFID Status Display Register is not a real register. By reading this register, controller has access to specific RFID logic internal
signals in order to observe its internal state.
Rate3
Rate2
Rate1
Rate0
Bit Rate [kbit/s]
Comments
0
0
0
0
fc/128 (~106)
0
0
0
1
fc/64 (~212)
0
0
1
0
fc/32 (~424)
0
0
1
1
fc/16 (~848)
Other combinations RFU
Address# 04h: RFID Status Display
Type: R
Bit
Name
Function
Comments
7hf_pon
1: PICC AFE is active
AFE Power-on signal
6state<2>
000: POWER OFF
001: IDLE
010: READY 011 – ACTIVE
101: HALT
110: READYX
111: ACTIVEX
100: L4
PICC Logic state
5state<1>
4state<0>
3RFU
2RFU
1RFU
0RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com