Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953A-BDFT Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # AS3953A-BDFT
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A-BDFT Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button AS3953A-BDFT Datasheet HTML 9Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 10Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 11Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 12Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 13Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 14Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 15Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 16Page - ams-OSRAM AG AS3953A-BDFT Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
Page 12
ams Datasheet
Document Feedback
[v1-05] 2019-Feb-15
AS3953A − Detailed Description
PICC AFE
Figure 11 depicts main PICC AFE building blocks.
The PICC AFE is connected to external tag coil, which together
with the integrated resonant capacitor forms an LC tank with
resonance at external electromagnetic field frequency (13.56
MHz). Figure 11 depicts the main PICC AFE building blocks.
Rectifier: Extracts DC power supply from AC voltage induced
on coil terminals.
Limiter: Limits the maximum voltage on coil terminals to
protect PICC AFE from destruction. At voltages that exceed
limiter voltage it starts to absorb current (acts as some sort of
shunt regulator).
Modulator Switch: Is used for communication PICC-to-PCD.
When switched on, it will draw current from coil terminals. This
mechanism is called load modulation. Variation of current in
the modulator switch (ON and OFF state) is seen as modulation
by the PCD.
Demodulator: Is used for communication PICC-to-PCD. It
detects AM modulation of the PCD magnetic field. The
demodulator is designed to accept modulation according to
ISO 14443A; all standard bit rates from 106 kbit/s to 848 kbit/s
are supported. The modulation for bit rate 106 kbit/s is 100%,
whereas for other bit rates it may be less.
Clock Extractor: The clock extractor extracts a digital clock
signal from the PCD carrier field frequency which is used as
clock signal by logic blocks.
HF_PON: Observes rectified regulated voltage VREC. When the
supply voltage is sufficiently high it enables operation of the
PICC AFE and the digital tag logic. A buffer capacitor and
HF_PON hysteresis guarantees that there is no reset during
reader (PCD) modulation.
Internal Regulator: Provides regulated voltage VP_INT to the
PICC AFE and in most cases also to EEPROM and logic blocks.
Typical regulated voltage VP_INT is 2.0V. A buffer capacitor is
also integrated.
External Regulator: Provides regulated voltage on external
pin VP_REG where it can be used to supply some external
circuitry. The regulated voltage and output resistance can be
adjusted using EEPROM settings (see Figure 37). Appropriate
external buffer capacitor is needed in case VP_REG is used in
the application. The current to be provided depends on reader
field strength, antenna size and Q factor, but it is limited to
maximum 5mA.
Bias: Provides bias currents and reference voltages to PICC AFE
analog blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com