Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6G3240 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST6G3240
Description  Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3240 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST6G3240 Datasheet HTML 8Page - STMicroelectronics ST6G3240 Datasheet HTML 9Page - STMicroelectronics ST6G3240 Datasheet HTML 10Page - STMicroelectronics ST6G3240 Datasheet HTML 11Page - STMicroelectronics ST6G3240 Datasheet HTML 12Page - STMicroelectronics ST6G3240 Datasheet HTML 13Page - STMicroelectronics ST6G3240 Datasheet HTML 14Page - STMicroelectronics ST6G3240 Datasheet HTML 15Page - STMicroelectronics ST6G3240 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Electrical characteristics
ST6G3240
12/29
1
All A-ports I/Os and control inputs are powered by VCCA.
2
All Bn-ports I/Os are powered by VCCBn.
3
There is no restriction on VCCA or VCCBn, either one can be greater than the other.
Symbol
Parameter
Test conditions
Value
Unit
VCCA
(V)
VCCB
(V)
TA = 25 °C
-40 to 85 °C
Min
Max
Min
Max
IOZA
High
impedance
output
leakage
current
1.4-3.6
1.4
− 3.6
VIA = GND to
3.6 V
VIBn = GND
to 3.6 V
IN1, IN2 =
VCCA or IN1,
IN2 = GND
±1.0
±10
µA
IOFF
Power off
A-side I/O
leakage
current
00
VIA= 0 to
3.6 V
INn = 0,
DIR=0
±1.0
±10
µA
ICD
CD pin input
leakage
current
3.6
1.4
−3.6 V
CD = 0
50
500
µA
IMS
MS pin input
leakage
current
3.6
1.4
−3.6 V
MS = 0
50
500
µA
Table 8.
DC specifications for VCCA (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com