Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6G3240 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST6G3240
Description  Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3240 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST6G3240 Datasheet HTML 13Page - STMicroelectronics ST6G3240 Datasheet HTML 14Page - STMicroelectronics ST6G3240 Datasheet HTML 15Page - STMicroelectronics ST6G3240 Datasheet HTML 16Page - STMicroelectronics ST6G3240 Datasheet HTML 17Page - STMicroelectronics ST6G3240 Datasheet HTML 18Page - STMicroelectronics ST6G3240 Datasheet HTML 19Page - STMicroelectronics ST6G3240 Datasheet HTML 20Page - STMicroelectronics ST6G3240 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
ST6G3240
Electrical characteristics
17/29
Table 13.
VCCA = 2.5 ± 0.2 V
Parameter
From
(input)
To
(output)
VCCBn=1.8V
± 0.15V
VCCBn=2.5V
± 0.2V
VCCBn=3.0 ±
0.3V
VCCBn=3.3V
± 0.3V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tPLHAB,
tPHLAB
Propagation
delay time
from A to B
( CL=15pF,
RL= 2 kΩ)
CMD.h
nCMD
7.5
5
4.5
4.5
ns
CLK.h
nCLK
7.5
5
4.5
4.5
CLK.h
CLK-f
15
10
9
9
DATx.h
nDATx
7.5
5
4.5
4.5
tPLHBA,
tPHLBA
Propagation
delay time
from B to A
(CL=7pF,
RL=2kΩ)
nCMD
CMD.h
555
5
ns
nDATx
DATx.h
5
5
5
5
tPZL, tPZH
Output
enable time
(CL=7pF,
RL=2 kΩ )
INn
A
11
11
11
11
ns
Output
enable time
(CL=15 pF,
RL=2 kΩ)
INn
Bn
11
111111
tPLZ, tPHZ
Output
disable time
(CL=7 pF,
RL=2 kΩ )
INn
A
21
21
21
21
ns
Output
disable time
(CL=15pF,
RL=2 kΩ)
INn
Bn
21
212121
ns
tDIR, enable
DIR
A
555
5
ns
DIR
B
666
6
tDIR, disable
DIR
A
555
5
ns
DIR
B
666
6
tOSLH,tOSHL
Output to
output skew
time(1)
111
1
ns
tCDLH,tCDHL Clock and
data skew
time
111
1
ns
fmax
Clock
A
Bn
52
525252
MHz
Bn
A
52
525252
Data
A
Bn
104
104
104
104
Mbps
Bn
A
104
104
104
104
1.
Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the
same device switching in the same direction, either HIGH or LOW ( tOSLH = | tPLHm - tPLHn |, tOSHL = | tPHLm – tPHLn | )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com