Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6G3240 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST6G3240
Description  Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3240 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST6G3240 Datasheet HTML 15Page - STMicroelectronics ST6G3240 Datasheet HTML 16Page - STMicroelectronics ST6G3240 Datasheet HTML 17Page - STMicroelectronics ST6G3240 Datasheet HTML 18Page - STMicroelectronics ST6G3240 Datasheet HTML 19Page - STMicroelectronics ST6G3240 Datasheet HTML 20Page - STMicroelectronics ST6G3240 Datasheet HTML 21Page - STMicroelectronics ST6G3240 Datasheet HTML 22Page - STMicroelectronics ST6G3240 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
ST6G3240
Electrical characteristics
19/29
Table 15.
Output slew rate (f = 1 MHz, 50% duty cycle, CL=15 pF on Bn-side; CL=7 pF on A-side)
Symbol
Parameter
From
To
Test condition TA = -40 to 85 °C
Unit
VCCA = 1.8 V ± 0.15V
VCCBn = 3.0 V ± 0.3V
Min
Max
tr
Rise time
10%
90%
3.5
ns
tf
Fall time
10%
90%
3.5
ns
Table 16.
Capacitance characteristics
Symbol
Parameter
Test condition
Value
Unit
VCCA
(V)
VCCBn
(V)
TA = 25 °C
-40 to 85 °C
Min
Typ
Max
Min
Max
CINBn
Input capacitance
Open
Open
9
pF
CI/OA
Input/output
capacitance for
A-side
1.8
3.0
f=1MHz
VBIAS = 250 mV
VPP =500 mV
5pF
CI/OBn
Input/output
capacitance for
Bn-side
1.8
3.0
f=1MHz
VBIAS =250 mV
VPP =500 mV
11
pF
CPD
Power dissipation
capacitance
2.5
3.3
f=10 MHz
29
pF
1.8
3.3
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com