Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6G3240 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST6G3240
Description  Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3240 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST6G3240 Datasheet HTML 9Page - STMicroelectronics ST6G3240 Datasheet HTML 10Page - STMicroelectronics ST6G3240 Datasheet HTML 11Page - STMicroelectronics ST6G3240 Datasheet HTML 12Page - STMicroelectronics ST6G3240 Datasheet HTML 13Page - STMicroelectronics ST6G3240 Datasheet HTML 14Page - STMicroelectronics ST6G3240 Datasheet HTML 15Page - STMicroelectronics ST6G3240 Datasheet HTML 16Page - STMicroelectronics ST6G3240 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
ST6G3240
Electrical characteristics
13/29
Table 9.
DC specification for VCCBn
Symbol
Parameter
Test conditions
Value
Unit
VCCA
(V)
VCCBn
(V)
TA = 25 °C
-40 to 85 °C
Min
Max
Min
Max
VIH
High level input
voltage
1.4 – 3.6
1.4 – 1.95
0.65
VCCBn
0.65
VCCBn
V
1.95 – 2.7
1.7
1.7
2.7 – 3.6
2.0
2.0
VIL
Low level input
voltage
1.4 – 3.6
1.4 – 1.95
0.35
VCCBn
0.35
VCCBn
V
1.95 – 2.7
0.7
0.7
2.7 – 3.6
0.8
0.8
VOH
High level
output voltage
1.4 – 3.6
1.4 – 3.6
IOH = -100 µA
VCCBn-
0.1
VCCBn-
0.1
V
1.4
IOH = -1 mA
1.10
1.10
1.65
IOH = -2 mA
1.20
1.20
2.7
IOH = -4 mA
2.20
2.20
3.0
IOH = -8 mA
2.30
2.30
3.6
IOH = -8 mA
3.00
3.00
VOL
Low level
output voltage
1.4 – 3.6
1.4 – 3.6
IOL = 100 µA
0.20
0.20
V
1.4
IOL = 1 mA
0.35
0.35
1.65
IOL = 2 mA
0.45
0.45
2.7
IOL = 4 mA
0.55
0.55
3.0
IOL = 8 mA
0.70
0.70
3.6
IOL = 8 mA
0.70
0.70
IIBn
Input leakage
current per
input channel
1.4 – 3.6
1.4 – 3.6
VIBn =VCCBn or
GND
±0.5
±5
µA
IOZBn
High
impedance
output leakage
current
3.6
3.6
VIA = GND to
3.6 V
VIBn = GND to
3.6
IN1,IN2 = VCCA
or
IN1,IN2 = GND
±1.0
±10
µA
IOFF
Power off B-
side I/O
leakage current
00
VIBn=0 to 3.6V
INn= 0,
DIR =0
±1.0
±10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com