Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6G3240 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST6G3240
Description  Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3240 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST6G3240 Datasheet HTML 11Page - STMicroelectronics ST6G3240 Datasheet HTML 12Page - STMicroelectronics ST6G3240 Datasheet HTML 13Page - STMicroelectronics ST6G3240 Datasheet HTML 14Page - STMicroelectronics ST6G3240 Datasheet HTML 15Page - STMicroelectronics ST6G3240 Datasheet HTML 16Page - STMicroelectronics ST6G3240 Datasheet HTML 17Page - STMicroelectronics ST6G3240 Datasheet HTML 18Page - STMicroelectronics ST6G3240 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
ST6G3240
Electrical characteristics
15/29
Table 11.
AC electrical characteristics (f = 10 MHz, 50% duty cycle(1))
VCCA = 1.5 V ±0.1 V
Paramete
r
From
(input)
To
(output)
VCCBn=1.8 V
± 0.15 V
VCCBn=2.5
V ± 0.2 V
VCCBn =3.0
± 0.3 V
VCCBn=3.3 V
± 0.3 V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tPLHAB,
tPHLAB
Propagation
delay time from
A to B
(CL= 15 pF,
RL=2kΩ)
CMD.h
nCMD
9
6
5.5
5.5
ns
CLK.h
nCLK
9
6
5.5
5.5
CLK.h
CLK-f
18
12
11
11
DATx.h nDATx
9
6
5.5
5.5
tPLHBA,
tPHLBA
Propagation
delay time from
B to A
(CL =7pF,
RL =2kΩ)
nCMD
CMD.h
9
999
ns
nDATx DATx.h
9
999
tPZL, tPZH
Output enable
time
(CL =7 pF,
RL =2kΩ)
INn
A
22
22
22
22
ns
Output enable
time
(CL =15 pF,
RL =2kΩ)
INn
Bn
22
222222
tPLZ, tPHZ
Output disable
time (CL=7 pF,
RL=2kΩ )
INn
A
33
33
33
33
ns
Output disable
time (CL=15pF,
RL=2kΩ)
INn
Bn
33
333333
tDIR, enable
DIR
A
8
888
ns
DIR
B
9
999
tDIR,
disable
DIR
A
7
777
ns
DIR
B
8
888
tOSLH,tOS
HL
Output to output
skew time(2)
1
111
ns
tCDLH,tCD
HL
Clock and data
skew time
1
111
ns
fmax
Clock
A
Bn
52
525252
MHz
Bn
A
52
525252
Data
A
Bn
104
104
104
104
Mbps
Bn
A
104
104
104
104
1.
Refer to figure 4.
2.
Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the
same device switching in the same direction, either High or Low ( tOSLH = | tPLHm - tPLHn |, tOSHL = | tPHLm – tPHLn | )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com