Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6G3240 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST6G3240
Description  Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3240 Datasheet(HTML) 5 Page - STMicroelectronics

  ST6G3240 Datasheet HTML 1Page - STMicroelectronics ST6G3240 Datasheet HTML 2Page - STMicroelectronics ST6G3240 Datasheet HTML 3Page - STMicroelectronics ST6G3240 Datasheet HTML 4Page - STMicroelectronics ST6G3240 Datasheet HTML 5Page - STMicroelectronics ST6G3240 Datasheet HTML 6Page - STMicroelectronics ST6G3240 Datasheet HTML 7Page - STMicroelectronics ST6G3240 Datasheet HTML 8Page - STMicroelectronics ST6G3240 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
ST6G3240
Pin settings
5/29
2.2
Pin description
Table 3.
Pin description
Pin
Type
Side
Symbol
Name and function
A1
-
A
VCCA
A-side power supply
A2
-
-
GND
Ground (0 V)
A3
I
A
IN1
Output enable pin. Functions together
with IN2 pin. Refer to truth table for more
information on the settings
A4
-
A
CD
Card detect pin with 100 k
Ω internal pull-
up resistor on the A-side
A5
-
-
GND
Ground (0 V)
A6
-
B1
VCCB1
B1-side power supply
B1
I/O
A
CMD.h
Command pin for A-side
B2
I
A
CMD-dir
Command direction pin
HIGH => CMD.h input, nCMD output
LOW => CMD.h output, nCMD input
B3
I
A
IN2
Output enable pin. Functions together
with IN1 pin. Refer to truth table for more
information on the settings
B4
I/O
B1
1CMD
Command pin for B1-side
B5
I/O
B1
1DAT0
Data0 pin for B1-side
B6
I/O
B2
2DAT0
Data0 pin for B2-side
C1
I/O
A
DAT0.h
Data0 pin for A-side
C2
I
A
DAT0-dir
Data direction pin for DAT0
HIGH => DAT0.h input, nDAT0 output
LOW => DAT0.h output, nDAT0 input
C3
-
-
GND
Ground (0 V)
C4
I/O
B2
2CMD
Command pin for B2-side
C5
I/O
B1
1DAT1
Data1 pin for B1-side
C6
I/O
B2
2DAT1
Data1 pin for B2-side
D1
I/O
A
DAT1.h
Data1 pin for A-side
D2
I
A
DAT123-dir
Data direction pin for DAT1-DAT3
HIGH => DAT123.h input, nDAT123
output
LOW => DAT123.h output, nDAT123
input
D3
-
-
GND
Ground (0 V)
D4
-
GND
Ground (0 V)
D5
I/O
B1
1DAT2
Data2 pin for B1-side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com