Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6G3240 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST6G3240
Description  Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3240 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST6G3240 Datasheet HTML 14Page - STMicroelectronics ST6G3240 Datasheet HTML 15Page - STMicroelectronics ST6G3240 Datasheet HTML 16Page - STMicroelectronics ST6G3240 Datasheet HTML 17Page - STMicroelectronics ST6G3240 Datasheet HTML 18Page - STMicroelectronics ST6G3240 Datasheet HTML 19Page - STMicroelectronics ST6G3240 Datasheet HTML 20Page - STMicroelectronics ST6G3240 Datasheet HTML 21Page - STMicroelectronics ST6G3240 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Electrical characteristics
ST6G3240
18/29
Table 14.
VCCA = 3.3 V ± 0.3 V
Parameter
From
To
VCCBn =
1.8 V ±
0.15 V
VCCBn =
2.5 V ± 0.2 V
VCCBn =
3.0 ± 0.3 V
VCCBn =
3.3 V ± 0.3 V
Unit
MinMax
MinMax
Min
Max
MinMax
tPLHAB,
tPHLAB
Propagation
delay time from
A to B
(CL =15pF,
RL=2kΩ)
CMD.h
nCMD
7
4.5
4.3
4.3
ns
CLK.h
nCLK
7
4.5
4.3
4.3
CLK.h
CLK-f
14
9
8.6
8.6
DATx.h
nDATx
7
4.5
4.3
4.3
tPLHBA,
tPHLBA
Propagation
delay time from
B to A
(CL=7pF,
RL=2kΩ )
nCMD
CMD.h
4444
ns
nDATx
DATx.h
4444
tPZL, tPZH
Output enable
time (CL=7pF,
RL=2kΩ )
INn
A
9999
ns
Output enable
time
(CL =15pF,
RL =2kΩ)
INn
Bn
9999
tPLZ, tPHZ
Output disable
time (CL =7pF,
RL=2 kΩ)
INn
A
20
20
20
20
ns
Output disable
time
(CL=15 pF,
RL=2 kΩ)
INn
Bn
202020
20
tDIR, enable
DIR
A
4444
ns
DIR
B
5555
tDIR, disable
DIR
A
4444
ns
DIR
B
5555
tOSLH,tOSH
L
Output to
output skew
time(1)
1111
ns
tCDLH,tCDH
L
Clock and data
skew time
1111
ns
fmax
Clock
A
Bn
525252
52
MHz
Bn
A
525252
52
Data
A
Bn
104
104
104
104
Mbp
s
Bn
A
104
104
104
104
1.
Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the
same device switching in the same direction, either HIGH or LOW ( tOSLH = | tPLHm - tPLHn |, tOSHL = | tPHLm – tPHLn | )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com