Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6G3240 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST6G3240
Description  Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3240 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST6G3240 Datasheet HTML 10Page - STMicroelectronics ST6G3240 Datasheet HTML 11Page - STMicroelectronics ST6G3240 Datasheet HTML 12Page - STMicroelectronics ST6G3240 Datasheet HTML 13Page - STMicroelectronics ST6G3240 Datasheet HTML 14Page - STMicroelectronics ST6G3240 Datasheet HTML 15Page - STMicroelectronics ST6G3240 Datasheet HTML 16Page - STMicroelectronics ST6G3240 Datasheet HTML 17Page - STMicroelectronics ST6G3240 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Electrical characteristics
ST6G3240
14/29
Table 10.
DC quiescent current
Symbol
Parameter
Test conditions
Value
Unit
VCCA
(V)
VCCB1
(V)
VCCB2
(V)
TA = 25 °C
-40 to 85 °C
Min
Max
Min
Max
ICCA
Quiescent
supply
current for
A-side
1.4 – 3.6
1.4 – 3.6
1.4 – 3.6 V
IA =VCCA or
GND
VIBn =VCCBn or
GND
VCD =VMS =VCCA
15
μA
1.4 – 3.6
0
1.4 – 3.6
1
5
1.4 – 3.6
1.4-3.6
0
1
5
1.4 – 3.6
0
0
1
5
ICCBn
Quiescent
supply
current for
Bn-side
1.4 – 3.6
1.4 – 3.6
1.4 – 3.6
VIA =VCCA or GND
VIBn =VCCBn or
GND
VCD =VMS =VCCA
15
μA
ICCAZ
High
impedence
quiescent
supply
current for A-
side
1.4 – 3.6
1.4 – 3.6
1.4 – 3.6
IN1 = GND/VCCA
IN2 = GND/VCCA
0.2
1
μA
1.4 – 3.6
1.4 – 3.6
1.4 – 3.6
IN1 = VCCA and
IN2 = GND
0.5
2
1.4 – 3.6
1.4 – 3.6
1.4 – 3.6
IN1 = GND and
IN2 = VCCA
0.5
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com